PART |
Description |
Maker |
HCTS393MS HCTS393KMSR HCTS393K HCTS393HMSR HCTS393 |
Radiation Hardened Dual 4-Input NOR Gate Test Bus Controllers 68-CPGA -55 to 125 Test Bus Controllers 68-CFP -55 to 125 Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Stage Binary Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HCTS365MS HCTS365D HCTS365DMSR HCTS365HMSR HCTS365 |
Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Hex Buffer/Line Driver Non-Inverting 辐射硬化六角缓冲线路驱动器非反相
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HS-RTX2010 HS-RTX2010RH HS8-RTX2010RH HS9-RTX2010R |
Radiation Hardened Real Time Express??Microcontroller Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, CQFP84 Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, UUC84 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened Real Time Express Microcontroller
|
Advanced Analogic Technologies, Inc. Intersil, Corp. Intersil Corporation
|
IRHE9230 IRHE93230 2048 |
200V, P-Channel Surface Mount Radiation Hardened Power MOSFET(200V,P沟道表贴型抗辐射功率MOS场效应管) 00V,P通道表面安装抗辐射功率MOSFET00V的电压,P沟道表贴型抗辐射功率马鞍山场效应管) From old datasheet system RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
|
International Rectifier, Corp.
|
HCS154HMSR FN3077 HCS151MS HCS151D HCS151DMSR HCS1 |
Multiplexer, Digital, 8-Input, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened 4-to-16 Line Decoder/Demultiplexer From old datasheet system Radiation Hardened 8-Input Multiplexer
|
INTERSIL[Intersil Corporation]
|
FSPYE230D1 FSPYE230F FSPYE230F4 FSPYE230R4 FN4852 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 12 A, 200 V, 0.14 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
5962-04238 5962-04239 5962-04240 5962-04241 5962-0 |
10W Total Output Power 28 Vin 3.3 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04238 10W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04239 10W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04240 10W Total Output Power 28 Vin 15 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04241 10W Total Output Power 28 Vin /-5 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04242 10W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04243 10W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04244
|
International Rectifier
|
IRHNA7264SE |
250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-2 package RADIATION HARDENED POWER MOSFET
|
International Rectifier
|
HS-82C54RH HS1-82C54RH HS1-82C54RH-8 HS1-82C54RH-Q |
From old datasheet system Radiation Hardened CMOS Programmable Interval Timer Radiation Hardened CMOS RProgrammable Interval TimerS
|
INTERSIL[Intersil Corporation]
|