PART |
Description |
Maker |
74AVC16835A 74AVC16835A_5 74AVC16835ADGG 74AVC1683 |
18-bit registered driver with Dynamic Controlled OutputsE (3-State) From old datasheet system 74AVC16835A; 18-bit registered driver with Dynamic Controlled Outputs(TM) (3-State) BUFFER/DRIVER|SINGLE|18-BIT|AVC/ALVC-CMOS|TSSOP|56PIN|PLASTIC 缓冲驱动器|单|18位|AVC/ALVC-CMOS|TSSOP|56引脚|塑料
|
NXP Semiconductors N.V. Philips
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IDT74ALVCH16270 74ALVCH16270_DS_14073 IDT74ALVCH16 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT Integrated Device Technology
|
WS57C45-1 WS57C45-35 WS57C45-35TMB WS57C45-45 WS57 |
WS57C45 MILITARY 2K X 8 REGISTERED CMOS PROM/RPROM HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IDT74LVC16652A 74LVC16652A_DS_78566 |
3.3V CMOS 16-BIT BUS REGISTERED TRANSCEIVER,5 VOLT TOLERANT I/O From old datasheet system
|
IDT
|
IDT74ALVCHR162269APA8 IDT74ALVCHR162269APV IDT74AL |
3.3V CMOS 12-Bit to 24-Bit Registered Bus Exchanger with 3-State Outputs and Bus-Hold
|
IDT
|
IDT74FCT16501AT06 IDT74FCT16501CTPAG IDT74FCT16501 |
FAST CMOS 18-BIT REGISTERED TRANSCEIVER FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
Integrated Device Technology Integrated Device Techn...
|
AV16600DGG AV16600DL-T AV16600DGG-T |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial ALVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
NXP Semiconductors N.V.
|
PI74LPT162Q952AA PI74LPT162Q952A PI74LPT162Q952V |
Fast CMOS 3.3V 16-bit registered transceiver Dual 8-bit Bus Transceiver
|
Pericom Technology
|
IDT74FCT163952C IDT74FCT163952B IDT74FCT163952A ID |
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER 3.3V的CMOS 16位注册收发器 CAP 820UF 35V ELECT FC RADIAL
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|