PART |
Description |
Maker |
PI74FCT163244 PI74FCT163244A PI74FCT163244K PI74FC |
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
|
Pericom Technology
|
IDT74FCT16244CT IDT74FCT16244AT IDT74FCT16244T IDT |
FAST CMOS 16-BIT BUFFER/LINE DRIVER
|
IDT
|
IDT74FCT541 IDT74FCT541A IDT74FCT541AD IDT74FCT541 |
FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, CQCC20 Internal Memory; For Use With:Eurotherm 6000 Series Paperless Recorders; Memory Size, RAM:96MB 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDIP20 FAST CMOS OCTAL BUFFER/LINE DRIVER 快速CMOS八路缓冲线路驱动 INDICATORINDICATOR; Accuracy, calibrated:The greater of /-0.25% of reading or /-1c or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Depth, external:103mm; Digits, No. of:4; Display:15.9mm high red LED TEMP CONTROLLER, PIDTEMP CONTROLLER, PID; Accuracy, calibrated:The greater of /-0.25% of reading, or /-1c, or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Control Modes:PID, or ON/OFF control; Depth, 3.3V CMOS OCTAL BUFFER/LINE DRIVER
|
Integrated Device Technolog... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
PI74FCT163240A PI74FCT163240V |
Fast CMOS 3.3V 16-bit octal buffer/line driver
|
Pericom Technology
|
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
IDT74FCT166244AT 74FCT166244T_DS_21403 |
FAST CMOS 16-BIT BUFFER/LINE DRIVER From old datasheet system
|
IDT
|
IDT74FCT162H244CT IDT74FCT162H244AT 74FCT162H244T_ |
FAST CMOS 16-BIT BUFFER/LINE DRIVER From old datasheet system
|
IDT
|
PI74FCT162374T PI74FCT162H374T PI74FCT16374T PI74F |
FCT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Fast CMOS 16-Bit Registers (3-State) Fast CMOS 16-bit register (3-state)
|
PERICOM[Pericom Semiconductor Corporation] ETC Pericom Technology
|
MC74HC367A MC74HC367AD MC74HC367ADT MC74HC367AN ON |
Telecomm/Datacomm HC/UH SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDSO16 From old datasheet system Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections Hex 3-State NonInverting Buffer with Separate 2-Bit and 4-Bit Section High-Performance Silicon-Gate CMOS
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
A814AY-100M A814AY-120M A814AY-150M 919AS-1R0N A87 |
Fixed Inductors for Surface Mounting Fast CMOS 16-Bit Buffer/Line Drivers
|
PERICOM TOKO[TOKO, Inc] http://
|
PI49FCT3804 PI49FCT3804AS PI49FCT3804ASE PI49FCT38 |
3.3V Fast CMOS Buffer/Clock Driver
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT49FCT3805 IDT49FCT3805A IDT49FCT3805AD IDT49FCT |
FAST CMOS BUFFER/CLOCK DRIVER
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT
|