PART |
Description |
Maker |
HUF75637S3S HUF75637P3 HUF75637S3ST |
44A, 100V, 0.030 Ohm,N-Channel, UltraFET Power MOSFET 44A, 100V, 0.030 Ohm, N-Channel, UltraFETPower MOSFET 44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
S8C5H30L STS8C5H30L STS8C5H30L_07 STS8C5H30L07 |
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STS6NF20V |
N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET
|
STMicroelectronics
|
STS3C3F30L |
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFETII POWER MOSFET N-CHANNEL 30V - 0.050 OHM -3.5A P-CHANNEL 30V - 0.140 OHM - 3A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET?/a> II POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
RFG60P06E |
60A/ 60V/ 0.030 Ohm/ ESD Rated/ P-Channel Power MOSFET 60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
|
Fairchild Semiconductor
|
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HUF76113DK8 FN4387 |
6A/ 30V/ 0.032 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 6A, 30V, 0.032 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(6A, 30V, 0.032 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管)
|
Intersil Corporation
|
STB160NF3LL 8735 STB160NF3LLT4 |
160 A, 30 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-CHANNEL 30V - 0.0026 OHM - 160A D2PAK STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET⑩ II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
HP4410DY FN4468 HP4410 HP4410DYT |
From old datasheet system 10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET 10A/ 30V/ 0.0135 Ohm/ Single N-Channel/ Logic Level Power MOSFET TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 30V V(BR)DSS | 10A I(D) | SO 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
CE2766 |
6-Channe Audio DAC
|
CEI
|
HUF76129D3S FN4394 HUF76129D3 HUF76129D3ST |
20A/ 30V/ 0.016 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs From old datasheet system 20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 20A I(D) | TO-252AA
|
INTERSIL[Intersil Corporation]
|
|