PART |
Description |
Maker |
2SC3325 |
Transistor Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching App
|
TOSHIBA
|
AN574 |
App Note 101: Using the Secure Microcontroller Watchdog Timer
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
S3P72H8 S3C72H8 |
The S3C72H8 single-chip CMOS microcontroller has been designed for very high performance using Samsungs state-of-the-art 4-bit product development app
|
SAMSUNG[Samsung semiconductor]
|
S3C72H8 |
The S3C72H8 single-chip CMOS microcontroller has been designed for very high performance using Samsungs state-of-the-art 4-bit product development app S3C72H8单芯片CMOS微控制器设计了非常高的使用最先进三星则状态表现位产品的开发应
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MP4411 |
Power MOS FET Module Silicon N Channel MOS Type (L2-pi-MOSV 4 in 1) High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
|
TOSHIBA
|
ADP3163 ADP3163JRU ADP3163JRU-REEL ADP3163JRUZ-REE |
500-mA, 4.2-V Li-Ion Charger for Current-Limited App. w/Temp Sense in MSOP-8 8-MSOP-PowerPAD -40 to 85 5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
|
Analog Devices, Inc. AD[Analog Devices]
|
FX5959G701ADJB1 FX5959G701ADJB5 FX5959G701ADJT5 FX |
LED DISPLAY DRIVER, PBGA25 Power LED Driver the Smallest and Low Profile, Constant Current Source 0 - 2.0A, 2.5V to 7V, with 450W/in3 Power Density and High Efficiency
|
VISHAY SEMICONDUCTORS VISAY[Vishay Siliconix]
|
SM8205 |
High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
|
M.S. Kennedy Corporatio...
|
MC145705DW MC145705P MC145706DW MC145706P MC145707 |
5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE (MC145706 / MC145707) 5 Volt Only Driver/Receiver with an Integrated Standby Mode Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO20 Dual-Processor Supervisory Circuits with Power-Fail 8-MSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Motorola, Inc MOTOROLA[Motorola Inc] Jiangsu Changjiang Electronics Technology Co., Ltd.
|
FDG901 FDG901D FDG901DNL |
20 AMP MINIATURE POWER RELAY BUF OR INV BASED MOSFET DRIVER, PDSO5 Slew Rate Control Driver IC for P-Channel MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UPD4724GS-GJG UPD4724 UPD4724GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|