PART |
Description |
Maker |
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1. |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
Micrel Semiconductor, Inc. MICREL INC
|
GS1084 GS1084CE1.8 GS1084CE2.5 GS1084CE3.3 GS1084C |
IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator IC VREG 2.5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator 5A Low Dropout Positive Adjustable Regulator Half-Pitch DIP Switches 6CKT MINI SPOX PLUG HOUS 524006 16 NO Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders A低压差可调稳压器 16 NC Relay Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders RoHS Compliant: NA A低压差可调稳压器
|
Vishay Semiconductors Vishay Telefunken Vishay Siliconix Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
NCV5662DSADJR4G |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
APU1207M-18 APU1206H-18 APU1206H-25 APU1206K-25 |
1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO8 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1.8 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PSSO2 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1A非常低压差正,固定和可调调节 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 2.5 V FIXED POSITIVE LDO REGULATOR, 0.65 V DROPOUT, PDSO3
|
Advanced Power Electronics, Corp.
|
NCP1117ST12T3 NCV1117ST15T3G |
1.0 A, 12V, Low Dropout Voltage Regulator; Package: SOT-223 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 4000 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low−Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4
|
ON Semiconductor
|
LX8385 LX8385-00 LX8385-00CD LX8385-00CP LX8385-00 |
3A LOW DROPOUT POSITIVE REGULATORS 3 A LOW DROPOUT POSITIVE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 3 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 3 A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Analog IC 模拟IC 3 A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] MICROSEMI[Microsemi Corporation] Microsemi, Corp. Yageo, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
US1010-33 US1010-33CD US1010-33CP US1010-33CS US10 |
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR 1A低压差型正,固定输出稳压
|
UNISEM[UNISEM] Unisem Group
|
LT1129 LT1129-3.3 LT1129-5 LT1129CQ LT1129CQ-3.3 L |
Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 DSUB 13W3 F PCR/A BRAC B/L G Micropower Low Dropout Regulators with Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
SPX29501T5-L-5.0 SPX29501T5-L-5.0/TR SPX29500T-L-2 |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 5A低压差线性稳压器可调 1.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 TO-263, 3 PIN Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 5A Low Dropout Voltage Regulator, 1%
|
TAEJIN Technology Co., Ltd. Exar, Corp. Sipex Corporation
|
LT1086-05-220M LT1086-12-220M LT1086-220M LT108622 |
12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 4-Bit Synchronous Up/Down Binary Counters 16-SO 0 to 70 TV 37C 37#16 SKT PLUG TV 43C 23#20 20#16 PIN PLUG LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] SEMELAB LTD
|
AN8005 AN8005M AN8025 AN8025M AN8003M AN8035M AN80 |
3-pin Positive Output Low Dropout Voltage Regulator 50mA Type Circular Connector; No. of Contacts:22; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:13-8 RoHS Compliant: No 3-pin/ positive output/ low dropout voltage regulator (50 mA type) Series 3-Pin Positive Output Low Dropout Voltage Regulator (50mA
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
|