PART |
Description |
Maker |
AMT8100 |
Datacom Optical Receivers
|
Anadigics
|
AMT8302 |
Datacom Optical Receivers
|
Anadigics
|
SMO33A |
Optical Receivers
|
SANLAND
|
MC1489 MC1489AP MC1489P MC1489_D ON0948 MC1489AD |
QUAD MDTL LINE RECEIVERS EIA-232D QUADRUPLE LINE RECEIVERS From old datasheet system Quad Line Receivers
|
MOTOROLA INC ON Semiconductor
|
FTLX1412D3BCL |
FIBER OPTIC TRANSCEIVER, 1260-1355nm, 10000Mbps(Tx), 10000Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR RoHS-6 Compliant 10Gb/s 10km Datacom XFP Optical Transceiver
|
Finisar Corporation.
|
ICL3232EIA-T ICL3221EIA-T ICL3223EIA-T ICL3223ECA- |
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000) 隆戮15kV ESD Protected, 3V to 5.5V, 1楼矛A, 250kbps, RS-232 Transmitters/Receivers 卤15kV ESD Protected, 3V to 5.5V, 1渭A, 250kbps, RS-232 Transmitters/Receivers ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
OPB991L55Z OPB990T55Z OPTEKTECHNOLOGYINC-OPB991P11 |
3.11 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT ROHS COMPLIANT PACKAGE-5 Photologic? Slotted Optical Switch Photologic? Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series Choice of logic and output driver circuits Photologic? Slotted Optical Switch
|
List of Unclassifed Manufacturers OPTEK Technologies List of Unclassifed Man...
|
CA82C50A-ID CA82C50A-IJ CA82C50A-IP CA82C50A-CD CA |
UART VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR /- 15 kV ESD protected 5 V RS-232 transceiver 5 V powered multi-channel RS-232 drivers and receivers 3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers 异步
|
Advanced Analogic Technologies, Inc.
|
CLI850 CLI870 CLI860 CLI840 |
100 mA, optical switch OPTICAL SWITCHES
|
Clairex Technologies ETC[ETC] List of Unclassifed Manufacturers
|