PART |
Description |
Maker |
LT1129CQ-5TRPBF LT1129CQTRPBF LT1129CQ-3.3PBF LT11 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 400mV Dropout Voltage
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1521CST-3TR LT1521CMS8-3TRPBF LT1521CS8-3TR LT15 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4
|
Linear Dimensions Semic... Linear Dimensions Semiconductor LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
AMC7585 AMC7585-2.5 AMC7585-3.3 AMC7585-ADJ AMC758 |
5A LOW DROPOUT REGULATOR Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
ADD Microtech Corp ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. 线性稳
|
SIP2213DMP-XZ-T1 SIP2213 SIP2213DLP-AA-T1 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection From old datasheet system Dual Output Low Dropout Regulator
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
SC1166CSW SC1166 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
|
SEMTECH[Semtech Corporation]
|
LX8817-2500CDF LX8817 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Dual Channel 2.5A Low Dropout Regulator
|
Microsemi Corporation
|
G901 G901T21U G901T24U |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V 300MA LOW DROPOUT REGULATOR
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Global Mixed-mode Technology
|
G960T63U G960T45U G960T53U G960 G960T33T G960T36T |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3V 1A Low Dropout Regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Global Mixed-mode Technology
|
G954-15T55U G954-15TU5U G954-18 G954-25TU5U G954-1 |
2A Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Global Mixed-mode Technology Inc. Global Mixed-mode Techn...
|
LT3080ESTTR LT3080EDDPBF |
0 V-36 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
LINEAR TECHNOLOGY CORP
|