PART |
Description |
Maker |
AD1870 AD1870JR |
Single-Supply 16-Bit Stereo ADC
|
AD[Analog Devices]
|
AD187002 |
Single-Supply 16-Bit Stereo ADC
|
Analog Devices
|
AD1859 AD1859JR AD1859JRS |
Stereo Single-Supply 18-Bit Integrated DAC Stereo, Single-Supply 18-Bit Integrated DAC
|
AD[Analog Devices]
|
AD1859JRZ-RL |
Stereo, Single-Supply 18-Bit Integrated (Sigma Delta) DAC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial SERIAL INPUT LOADING, 18-BIT DAC, PDSO28
|
Analog Devices, Inc.
|
AD1839 AD1839AS-REEL AD1839AS |
Please see the AD1839A. 2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec Single-Supply 16-Bit Sigma Delta Stereo ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial
|
Analog Devices, Inc.
|
MAX1201 MAX1201CMH MAX1201EMH MAX1201CMH-T |
1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP44 5v sINGLE-sUPPLY / 2.2mSPS / 14-bIT sELF-cALIBRATING adc 5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc 5V, Single-Supply, 2.2Msps, 14-Bit Self-Calibrating ADC
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX1080 MAX1080ACUP MAX1080AEUP MAX1080BCUP MAX108 |
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference 10-bit analog-to-digital converters 300ksps/400ksps Single-Supply Low-Power 8-Channel Serial 10-Bit ADCs with Internal Reference From old datasheet system 300ksps/400ksps / Single-Supply / Low-Power / 8-Channel / Serial 10-Bit ADCs with Internal Reference
|
MAXIM - Dallas Semiconductor MAX1081 MAXIM[Maxim Integrated Products]
|
CS5509 CS5509-AS |
Single-Supply, 16-Bit A/D Converter 16-bit A/D conveter
|
Cirrus Logic
|