PART |
Description |
Maker |
LA5621V LA5621M LA5620 LA5619 LA5621 LA5622 |
Rechargeable Battery Charge Control ICs: Lithium-ion battery charger control IC Lithium-Ion Battery Charge Control IC Monolithic Linear IC
|
Sanyo Semicon Device
|
LTC1734 LTC1734ES6-4.2 LTC1734ES6-4.1 LTC1734-4.2 |
700mA Linear Lithium Battery Charger in SOT-23 Lithium-Ion Linear Battery Charger in ThinSOT
|
Linear Technology
|
LTC1732-4.2 LTC1732-4 1732FS LTC1732EMS-4.2 |
Lithium-Ion Linear Battery Charger Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C BATTERY CHARGE CONTROLLER, PDSO10 From old datasheet system 1A Linear Lithium Battery Charger Controller
|
Linear Technology, Corp.
|
LTC1734LES6-4.2TR |
Lithium-Ion Linear Battery Charger in ThinSOT
|
Linear Technology
|
LTC1734L LTC1734LES6-4.2 LTC1734L-4.2 |
Lithium-Ion Linear Battery Charger in ThinSOT
|
LINER[Linear Technology]
|
AAT3670ISK-4.2-T1 AAT3670 |
1.6A Dynamic Battery Charger and Power Manager The AAT3670 BatteryManager is a highly integrated single-cell lithium-ion/polymer (Li-ion) battery c
|
Analogic Corporation ANALOGICTECH[Advanced Analogic Technologies]
|
MAX9610TELTT MAX9610FELTT MAX9610HELTT MAX9610HEXK |
1μA, μDFN/SC70, Lithium-Ion Battery, Precision Current-Sense Amplifier 1楼矛A, 楼矛DFN/SC70, Lithium-Ion Battery, Precision Current-Sense Amplifier 1レA, レDFN/SC70, Lithium-Ion Battery, Precision Current-Sense Amplifier
|
Maxim Integrated Products
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|
UB2421 UB2421G-AG6-R UB2421-15 |
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC ONE CELL LITHIUM-ION POLYMER BATTERY
|
Unisonic Technologies
|
ICR18650-26A |
Lithium-Ion-Battery
|
Samsung
|
MIC79050-4.2BM MIC79050-4.2BS |
Simple Lithium-Ion Battery Charger Preliminary Information 1 A BATTERY CHARGE CONTROLLER, PDSO8 GT 48C 48#16 SKT RECP WALL RM 1 A BATTERY CHARGE CONTROLLER, PSSO3
|
Micrel Semiconductor, Inc. MICREL INC
|