PART |
Description |
Maker |
30CLJQ150 |
SCHOTTKY RECTIFIER 肖特基整流器 30A 150V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package
|
International Rectifier, Corp. http://
|
80SCLQ030 |
80A 30V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
International Rectifier
|
35CGQ150 |
35V 150A Hi-Rel Schottky Common Cathode Diode in a TO-254AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 35 Amp,150V
|
IRF[International Rectifier]
|
JANS1N7038U3 JANTX1N7038U3 |
30A 150v Hi-Rel Schottky Discrete Diode in a SMD-0.5 package DLA Number 1N7038U3
|
International Rectifier
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
SB01-15CP SB01-15CP-E |
DIODE SCHOTTKY 150V 0.1A 3CP 150V, 100mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
OM100Q05CB OM100Q80XX OM100Q05DB OM100Q05RB OM100Q |
50 A, SILICON, RECTIFIER DIODE 600V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 300V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 700V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 500V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 400V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 200V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 150V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 800V 100A Hi-Rel Ultra-Fast Common Cathode Diode in a PB-3A package 100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
|
International Rectifier ETC[ETC] N.A. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
40CTQ150 40CTQ150-1 40CTQ150S |
150V 40A Schottky Common Cathode Diode in a TO-262 package 150V 40A Schottky Common Cathode Diode in a D2-Pak package 150V 40A Schottky Common Cathode Diode in a TO-220AB package SCHOTTKY RECTIFIER
|
International Rectifier
|
SB30-45-25 SB30-40-258RM SB30-40-258M SB30-40-258A |
Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阳极连) 双肖特基二极管在TO258金属封装,高可靠性的应用(共阳极)(双肖特基势垒二极管(高可靠性应用,TO258金属封装,共阳极连接)) DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-258AA Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,TO258金属封装,串行连接)) Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阴极连)
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
SB02-15 |
150V, 200mA Rectifier(用于高频整流应用的重复反向电50V,平均整流电00mA 整流 Small signal(single type) Schottky Barrier Diode 150V/ 200mA Rectifier
|
Sanyo Electric Co.,Ltd. Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SB20150CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
|
Gulf Semiconductor
|