PART |
Description |
Maker |
D45C11 D45C2 D45C8 D44C5 D44C8 D45C5 D44C11 D44C1 |
POWER TRANSISTORS(4A,30-80V,30W) 功率晶体管(4A30 - 80V的,功率30W OSC 5V 8PIN CMOS PROGRAM POWER TRANSISTORS(4A/30-80V/30W) TRANSISTOR|BJT|PNP|80VV(BR)CEO|4AI(C)|TO-220AB
POWER TRANSISTORS(4A30-80V30W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
UMZ8N EMZ8 UMZ8NTR |
Transistors > Complex Bipolar Transistors 256Kbit (32Kbit X 8) ZEROPOWER® SRAM Power management (dual transistors)
|
ROHM[Rohm] Rohm CO.,LTD.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
BDX53B BD53C BDX54C ON0205 BDX53C BDX54B |
From old datasheet system 8 AMPERE POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
|
Motorola Inc MOTOROLA[Motorola Inc] Motorola, Inc ON Semiconductor
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
2N4922 2N4921 2N4923 2N4921-D |
Medium-Power Plastic NPN Silicon Transistors 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS
|
ONSEMI[ON Semiconductor]
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE3055 MJE3055T |
(MJE2955 / MJE3055) POWER TRANSISTORS (MJE2955T / MJE3055T) POWER TRANSISTORS
|
Motorola
|
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2N6283 2N6286 2N6287 2N6282 2N6284 2N6285 |
POWER TRANSISTORS(20A160W) POWER TRANSISTORS(20A,160W)
|
MOSPEC[Mospec Semiconductor]
|