PART |
Description |
Maker |
2N3792 2N3789 2N3790 2N3791 |
POWER TRANSISTORS(10A/150W) POWER TRANSISTORS(10A150W) POWER TRANSISTORS(10A,150W) POWER TRANSISTORS: GENERAL PURPOSE AMPLIFIER AND LOW-FREQUENCY SWITCHING APPLICATION
|
MOSPEC[Mospec Semiconductor]
|
D45C11 D45C2 D45C8 D44C5 D44C8 D45C5 D44C11 D44C1 |
POWER TRANSISTORS(4A,30-80V,30W) 功率晶体管(4A30 - 80V的,功率30W OSC 5V 8PIN CMOS PROGRAM POWER TRANSISTORS(4A/30-80V/30W) TRANSISTOR|BJT|PNP|80VV(BR)CEO|4AI(C)|TO-220AB
POWER TRANSISTORS(4A30-80V30W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SC3039 C3039 2SC3039M 2SC3039N |
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 7A I(C) | TO-220AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits POWER TRANSISTORS(7.0A/400V/50W) POWER TRANSISTORS(7.0A,400V,50W) POWER TRANSISTORS(7.0A400V50W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
CEN-U01BA CEN-U51BA CEN-U95 2N6548 2N6549 2N6552 2 |
Leaded Power Transistor Darlington Leaded Power Transistor General Purpose Power Transistors POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-202
|
http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
EMF5XV6T5 EMF5XV6T5G |
Power Management Dual Transistors Power Management, Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
MJE4343 MJF4343 MJE4353 ON2037 |
From old datasheet system 16 AMPERE POWER TRANSISTORS POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
MJW16206-D |
SCANSWITCH NPN Bipolar Power Deflection Transistors For High and Very High Resolution CRT Monitors POWER TRANSISTORS
|
ON Semiconductor
|
2N5886 2N5883 2N5884 2N5885 |
POWER TRANSISTORS(25A,200W) POWER TRANSISTORS(25A200W)
|
MOSPEC[Mospec Semiconductor]
|