PART |
Description |
Maker |
RN2211 RN2210 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2905 RN2906 RN2904 RN2902 RN2903 RN2901 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2409 RN2407 RN2408 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
2SA970 2SA970-GR |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
|
Toshiba Semiconductor
|
TPCP8901 |
TOSHIBA Transistor Silicon NPN / PNP Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
2SA1832-GR 2SA1832-Y |
Audio Frequency General Purpose Amplifier Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
|
Toshiba Semiconductor
|
RN2306 RN2302 RN2303 RN2304 RN2301 RN2305 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Transistor Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
2SA915 2SA915L 2SA915-K 2SA915-AZ 2SA915K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-221VAR
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|