PART |
Description |
Maker |
28F160S5 DT28F160S570 |
5 VOLT FlashFile MEMORY 5 V FlashFile Memory(5 V FlashFile 存储
|
Intel Corporation Intel Corp.
|
E28F004S5-85 E28F004S5-120 28F016S5 28F008S5 E28F0 |
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 12V/5V Input Buck PWM Controller Evaluation Kit/Evaluation System for the MAX5946A, MAX5946L BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 85 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 5V PROM, 100 ns, PDSO44 BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 5V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
28F320S3 DT28F320S3-140 GT28F320S3-140 TE28F320S3- |
WORD-WIDE FlashFile MEMORY FAMILY Word-wide FlashFile memory. 32 Mbit, access speed 140 ns
|
Intel
|
DA28F016SV-075 DA28F016SV-070 E28F016SV-075 E28F01 |
WSR2 0.04 Ohms 1% Tolerance 16-MBIT (1 MBIT x 16/ 2 MBIT x 8) FlashFile MEMORY 16-MBIT (1 MBIT x 16 / 2 MBIT x 8) FlashFile MEMORY 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 80 ns, PDSO56 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 70 ns, PDSO56 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 75 ns, PDSO56
|
Intel Corp. Intel Corporation Intel, Corp.
|
28F160S3 |
3 V FlashFile Memory(3 V FlashFile 存储
|
Intel Corp.
|
E28F160S5-100 E28F320S5-90 28F160S5 DA28F160S5-100 |
WORD-WIDE FLASHFILE MEMORY FAMILY
|
INTEL[Intel Corporation]
|
28F008SA-L 29043505 |
8-Mbit (1-Mbit x 8) FlashFile Memory From old datasheet system
|
Intel
|
GE28F256L30T110 GE28F128L30B110 |
1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA79 1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 8M X 16 FLASH 1.8V PROM, 88 ns, PBGA56
|
Intel, Corp.
|
RD28F3204W30B70 GT28F640W30T85 |
1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
|
Intel Corporation
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|