PART |
Description |
Maker |
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCX74SJ 74LCX74MX_NL 74LCX74 74LCX74BQX 74LCX74M |
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs LVC/LCX/Z SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, QCC14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC74LVQ74 |
LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
|
Motorola
|
74LCX74TTR 74LCX74MTR |
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
|
STMICROELECTRONICS[STMicroelectronics]
|
74ALVC16374/D 74ALVC16374-D |
Low-Voltage 1.8/2.5/3.3 V
16-Bit D-Type Flip-Flop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8/2.5/3.3 V 16 Bit D-Type Flip-Flop
|
ON Semiconductor
|
74LCX74 4979 |
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS From old datasheet system
|
STMicro
|
74LVQ74_01 74LVQ74 74LVQ74SC 74LVQ74SJ 74LVQ74SCX |
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVX74TTR |
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR (5V TOLERANT INPUTS)
|
STMicroelectronics
|
74LCX74M 74LCX74 |
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS DualD-TypeFlip-Flop
|
STMicroelectronics
|
MM74C74N MM74C74 MM74C74M MM74C74MX |
Dual D Flip-Flop; Package: SOIC; No of Pins: 14; Container: Tape & Reel CMOS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74AUP2G79GF 74AUP2G79GS |
Low-power dual D-type flip-flop; positive-edge trigger AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|