PART |
Description |
Maker |
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
MC74HC04 MC74HC04A MC74HC04AD MC74HC04ADR2 MC74HC0 |
Hex Inverter Hex Inverter High-Performance Silicon-Gate CMOS CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
ONSEMI[ON Semiconductor]
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
MC74LCX06MEL MC74LCX06 MC74LCX06D MC74LCX06DG MC74 |
Low-Voltage CMOS Hex Inverter with Open Drain Outputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Low-Voltage CMOS Hex Inverter with Open Drain Outputs and 5V-Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
74ACT04_01 74ACT04B 74ACT04M 74ACT04MTR 74ACT04TTR |
HEX SCHMITT INVERTER HEX INVERTER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MC74ACT04 MC74ACT04D MC74ACT04N MC74AC04 MC74AC04D |
CERAMIC CHIP/MIL-PRF-55681 AC SERIES, HEX 1-INPUT INVERT GATE, PDSO14 HEX INVERTER From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor Motorola, Inc
|
74LVXU04TTR 74LVXU04 74LVXU04MTR 74LVXU04M |
LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC54HCT14AJ MC54_74HCT14A ON1509 |
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs HEX SCHMITT-TRIGGER INVERTER WLTH LSTTL COMPATLBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
74VHCU04 74VHCU04M 5825 |
HEX INVERTER SINGLE STAGE HEX INVERTER (SINGLE STAGE) From old datasheet system
|
STMicroelectronics
|
CD4069UBC CD4069UBC_02 CD4069UBCM CD4069UBCN CD406 |
LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC 逻辑门|六角逆变器|的CMOS |专科| 14PIN |塑料 Inverter Circuits
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|