PART |
Description |
Maker |
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ZLR16300S2816G ZLP128ICE01ZEM ZLR16300 ZLR16300H20 |
Z8 Low Voltage ROM MCUs with Infrared Timers
|
ZILOG[Zilog, Inc.]
|
PXAS30KFA PXAS31KFBE PXAS37KFBE PXAS31KFA PXAS37KB |
XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16 MB address range XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless/ 8-channel 8-bit A/D/ low voltage 2.7 V.5.5 V/ I2C/ 2 UARTs/ 16MB address range VRSTR 18VDC 14VAC 22PF SMD-0603 TR-7 NI/SN100
|
Philips Semiconductors NXP
|
ST63P56 ST6356 ST6357 ST6327 ST6326 ST63PXX ST6306 |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.8A; On-Resistance, Rds(on):0.062ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:8-1206; Leaded Process Compatible:No 8位微控制器HCMOS背驮式电视应 (ST63Pxx) 8 Bit HCMOS Piggyback MCUs for TV Applications 8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PXAS83XFA PXAS83XFBE |
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
|
NXP Semiconductors
|
P87C51UFPN |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
Philips
|
P87C51FB 80C32 80C51RA 83C51RB 83C51RC 83C51RA 83C |
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
Philips Semiconductors
|
P80C31 80C51 P80C51 P80C31UBAA P80C51UBAA P80C31UF |
WIRE STRIPPER, AUTOMATICWIRE STRIPPER, AUTOMATIC; Stripping Capacity:4mm2; Weight:120g MIXER, PLASTER 600GMIXER, PLASTER 600G; Length:620mm; Material:Nickel plated steel ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors N.V. Philips Semiconductors
|
ST6385 ST6387 ST6367 ST63E85D1 ST63E87D1 ST6377 ST |
8-BIT MICROCONTROLLER (MCU) WITH ROM, EPROM, OTP AND ON SCREEN DISPLAY FOR TV TUNING 8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
PHILIPS[Philips Semiconductors]
|