PART |
Description |
Maker |
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
P87C51FB 80C32 80C51RA 83C51RB 83C51RC 83C51RA 83C |
80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
Philips Semiconductors
|
P80C54X2 P80C58X2 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
|
Philips
|
P87C54 TLE2024 P87C51FA P80C58SBAA P80C58SFAA P80C |
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz) 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
ZCRMZNICE01ZACG ZCRMZNICE01ZEMG ZCRMZNICE02ZACG ZC |
Low-Voltage ROM MCUs with Infrared Timers 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PDSO20
|
Maxim Integrated Products http:// MAXIM INTEGRATED PRODUCTS INC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
MX23L6454 |
64M-BIT Low Voltage / Serial Mask ROM Memory with 50MHz SPI Bus Interface
|
Macronix International
|
MX23L12854MC-20G |
128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
|
MACRONIX INTERNATIONAL CO LTD
|
P87C750 P87C750EBAA P87C750EBDDB P87C750EBPN P87C7 |
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC28 128K X 16 BIT, 90 NS, 0-70 C, CMOS EPROM 80C51 8-bit microcontroller family 1K/64 OTP ROM/ low pin count
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
KLLU KLLU650 |
Execution Time (ns): 62.5 (@16MHz); Operating Frequency / Supply Voltage: 16MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 128K 2K; RAM: 6K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction
|
Littelfuse, Inc.
|