PART |
Description |
Maker |
GDS1110 |
StrongARM / Microprocessor
|
INTEL
|
SA1110 |
Intel StrongARM SA-1110 Microprocessor
|
Intel Corporation
|
MCF5208EC MCF5208CAB166 MCF5207CAG166 MCF5207CVM16 |
ColdFire垄莽 Microprocessor ColdFire庐 Microprocessor ColdFire? Microprocessor Microprocessor Data Sheet
|
Freescale Semiconductor... Freescale Semiconductor, Inc
|
TMP68000YC-10 TMP68000YC-12 TMP68000N-12 TMP68HC00 |
16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 PGA-68 16-BIT, 12.5 MHz, MICROPROCESSOR, CPGA68 PGA-68 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 SHRINK, DIP-64 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 0.750 INCH, PLASTIC, SDIP-64 16-BIT, 12.5 MHz, MICROPROCESSOR, PQCC68 0.950 INCH, PLASTIC, QFJ-68 16-BIT, 12.5 MHz, MICROPROCESSOR, PDIP64 PLASTIC, DIP-64
|
Advanced Micro Devices, Inc. HIROSE ELECTRIC Co., Ltd.
|
R80C188XL-25 SB80C188XL-25 TN80C188XL-25 TS80C188X |
16-BIT, 25 MHz, MICROPROCESSOR, CQCC68 CERAMIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 25 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 EIAJ, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68 16-BIT, 25 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68
|
Intel, Corp.
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
RM7000A RM7000A-400T RM7000A-300T RM7000A-350T RM7 |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7000A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC[PMC-Sierra, Inc]
|
UPD70108GC-8-3B6 UPD70108C-5 UPD70108C8 UPD70108LG |
TV 6C 6#8(TWINAX) SKT RECP 16-/8- Bit Microprocessor 16-Bit Microprocessor 16位微处理 TV 27C 19#20 4#16 4#12 PIN REC 16-/8-位微处理
|
NEC Corp. NEC, Corp.
|
MCF532908 MCF5327 MCF5328 |
ColdFire垄莽 Microprocessor ColdFire? Microprocessor
|
Freescale Semiconductor, Inc
|
MCF5274 MCF5275 MCF5275LCVM166 |
V2 ColdFire® Integrated Microprocessor MCF5275 Integrated Microprocessor Family Hardware Specification
|
Freescale (Motorola)
|
XPC604ERX166LD XPC604ERX166PD |
(XPC604ERX166LD - XPC604ERX200LD) RISC Microprocessor (XPC604ERX166PD - XPC604ERX200PD) RISC Microprocessor
|
Freescale Semiconductor
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|