PART |
Description |
Maker |
PVR1300NPBF PVR1301NPBF |
100V 1 Form A Photo Voltaic Relay in a 16-pin DIP Package
|
International Rectifier
|
PVD1352 PVD1354 |
100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
|
IRF[International Rectifier]
|
PVG613S-TPBF PVG613PBF |
60V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package 60V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package
|
International Rectifier
|
PVT412L PVT412S PVT412LS PVT412S-T PVT412 PVT412LS |
400V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package 400V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC MicroelectronicPowerICRelaySinglePole,NormallyOpen,0-400V,140mAAC/DC Stratum 3/3E Timing Card IC Stratum 3 Timing Card IC with Synchronous Ethernet Support
|
IRF
IRF[International Rectifier]
|
PVI5033R PVI5033RS PVI5033RS-T |
Photovoltaic Isolator 光电隔离 2 Form A Photo Voltaic Isolator in a 8-pin SMT Package
|
International Rectifier, Corp.
|
PM75B4L1C060 |
Photo Voltaic IPM H-Bridge 75 Amperes/600 Volts
|
Powerex Power Semiconductors
|
PM75B5L1C060 |
Photo Voltaic IPM H-Bridge 1 Chopper 75 Amperes/600 Volts
|
Powerex Power Semiconductors
|
ASSR-4118 ASSR-4119 ASSR-4128 ASSR-4128-502E ASSR- |
Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35) Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35? Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
|
AVAGO TECHNOLOGIES LIMITED
|
LH1539AACTR LH1539AAC11 LH1539AB |
1 Form A Photo Darlington Telecom Switch
|
Vishay Siliconix
|
PT110 PT006 PT210 PT225 PT125 PT215 PT610 PT106-66 |
30V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL8113S with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7205 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3305 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4321PBF with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF1405ZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7473 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF540ZS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z24N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU8203 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ34NS with Standard Packaging TRIAC|600V V(DRM)|6A I(T)RMS|TO-66 TRIAC|50V V(DRM)|25A I(T)RMS|TO-208VAR1/2 TRIAC|100V V(DRM)|2.5A I(T)RMS|TO-5 TRIAC|200V V(DRM)|15A I(T)RMS|TO-208VAR1/2 such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; Similar to IRF6644 qualified for use such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6644 with Standard Tape and Reel 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4610 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7811W with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL520NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR120N with Lead Free Packaging TRIAC|50V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|100V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|600V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|50V V(DRM)|3A I(T)RMS|TO-208VAR1/2 TRIAC|50V V(DRM)|3A I(T)RMS|PRESS-13 TRIAC|100V V(DRM)|3A I(T)RMS|TO-208VAR1/2 AC Relay; Output Device:MOSFET; Output Voltage Max:60VAC; Load Current Max:1A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO RoHS Compliant: Yes 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7490 with Lead Free Packaging 可控硅| 200伏五(DRM)的| 6A条口(T)的有效值|VAR Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V AC, 1.0A 可控硅| 400V五(DRM)的| 6A条口(T)的有效值|208VAR1 / 2 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4710 with Standard Packaging 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
Microsemi, Corp. LG, Corp.
|