PART |
Description |
Maker |
DG3516DB-T5-E1 DG3517DB-T5-E1 |
300 MHz, 2.5ohm, Dual SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PBGA10
|
Vishay Siliconix
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
G787DQ-T1-E3 |
300MHZ, 2.5OHM, DUAL SPDT AS - Tape and Reel
|
Vishay Siliconix
|
MAX4717EBC MAX471705 |
4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
|
Maxim Integrated Products
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|
IRFY430CM |
POWER MOSFET N-CHANNEL(BVdss=500V, Rd(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
IRFI9620G |
Power MOSFET(Vdss=-200V Rds(on)=1.5ohm Id=-3.0A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.0A)
|
IRF[International Rectifier]
|
NLAS5223 NLAS5223MNR2G NLAS5223LMNR2G |
Ultra−Low 0.5ohm Dual SPDT Analog Switch Ultra−Low 0.5 Ohm Dual SPDT Analog Switch
|
ONSEMI[ON Semiconductor]
|
IRHF7310SE |
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=4.5ohm, Id=1.15A)
|
International Rectifier
|
JANTXV2N6802 JANTX2N6802 |
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=2.5A)
|
IRF[International Rectifier]
|
CAT24WC05 CAT24WC03 CAT24WC17UI-TE13 CAT24WC03J CA |
2K/4K/8K/16K-Bit Serial E2PROM 2K/4K/8K/16K-Bit串行E2PROM LM5111 Dual 5A Compound Gate Driver; Package: SOIC NARROW; No of Pins: 8 Current Sense Power Resistor; Series:89; Resistance:5ohm; Resistance Tolerance: /- 1%; Power Rating:25W; Resistor Element Material:Wirewound; Voltage Rating:520VDC; Temperature Coefficient: /-50 ppm; Leaded Process Compatible:No RoHS Compliant: No
|
Intersil, Corp. NJR Glenair, Inc. BCD Semiconductor Manufacturing, Ltd. Ecliptek, Corp. Advanced Power Technology, Ltd. CATALYST[Catalyst Semiconductor]
|