PART |
Description |
Maker |
MURHD560 |
5A 600V MEGAHERTZ Ultrafast Rectifier
|
ON Semiconductor
|
MURS360-B MURS340-B |
Super Fast Recovery Pack: SMB SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE拢潞400V TO 600V CURRENT拢潞 3.0A SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE?00V TO 600V CURRENT 3.0A
|
Gulf Semiconductor
|
US1J |
Ultra Fast Recovery Pack: SMA SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE拢潞 600V CURRENT拢潞 1.0A SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE 600V CURRENT 1.0A
|
Gulf Semiconductor
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
RURU10060 FN3546 |
100A/ 600V Ultrafast Diode 100A, 600V Ultrafast Diode 100A 600V Ultrafast Diode From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRG4BC30U-S |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT(Vces=600V, Vce(on)typ. = 1.95V, @Vge=15V, Ic=12A) 绝缘栅双极晶体管IGBT的速度超快速(VCES和\u003d 600V电压的Vce(on)的典型。\u003d 1.95V,@和VGE \u003d 15V的,集成电路\u003d 12A条) 600V UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp.
|
IRG4IBC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
IRG4IBC30KD |
600V UltraFast 8-25 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4BC20KDS IRG4BC20KD-S IRG4BC20KD-STRL IRG4BC20K |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.27V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0 INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V Vce(on)typ.=2.27V @Vge=15V Ic=9.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC20U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|