PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
2SA1834 A5800344 2SC5001 2SC5001TLR 2SA1834TLR 2SC |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 20V的五(巴西)总裁| 10A条一(c)|律师- 63 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 10A I(C) | SC-63 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 10A I(C) | SC-63 Low VCE(sat) Transistor (Strobe flash) (-20V, -10A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
ROHM
|
BUV27 BUV27G |
Bipolar T0220 NPN 8A 120V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 12 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB NPN Silicon Power Transistor
|
Rectron Semiconductor
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
PHPT610035PK |
PNP/PNP matched high power double bipolar transistor
|
NXP Semiconductors
|
2SA1880 |
Switching Power Transistor(-10A PNP)
|
Shindengen Electric Mfg...
|
2N5782L 2N5782L.MOD |
3.5 A, 65 V, PNP, Si, POWER TRANSISTOR, TO-205AA HERMETIC SEALED, METAL, TO-5, 3 PIN Bipolar PNP Device in a Hermetically sealed TO5
|
TT electronics Semelab, Ltd. Seme LAB
|
2N5782 2N5782.MODE1 |
3.5 A, 65 V, PNP, Si, POWER TRANSISTOR, TO-205AD HERMETIC SEALED, METAL, TO-39, 3 PIN Bipolar PNP Device in a Hermetically sealed TO39
|
TT electronics Semelab, Ltd. Seme LAB
|
MMDJ3P03BJT-D MMDJ3P03BJTR2 |
Plastic Power Transistors SO-8 for Surface Mount Applications Dual PNP Bipolar Power Transistor, SO-8
|
ON Semiconductor
|
PHPT60410PY |
40 V, 10 A PNP high power bipolar transistor
|
NXP Semiconductors
|