PART |
Description |
Maker |
TLE5208-6G TLE5208-6 |
1-A Hex-Half-Bridge / Double Six-Driver For Automotive and Industrial Motion Control Applications(1A、十六半双六-驱动器(六高边、六低边)用于汽车和工业的动作控 1 A Hex-Half-Bridge/Double Six-Driver
|
SIEMENS AG Infineon
|
VNH3SP30TR-E VNH3SP30-E |
Automotive fully integrated H-bridge motor driver
|
STMicroelectronics
|
VNH5019ATR-E VNH5019A-E |
Automotive fully integrated H-bridge motor driver
|
ST Microelectronics STMicroelectronics
|
TLE9861QXA20-17 |
Microcontroller with PWM Interface and H-Bridge MOSFET Driver for Automotive Applications
|
Infineon Technologies A...
|
AUIR2085S |
Automotive Grade High Speed 100V Self Oscillating 50% Duty Cycle Half Bridge Driver
|
International Rectifier
|
NCV7702B NCV7702BDWR2G NCV7702BDWG |
1 A Dual H-Bridge Driver(1A双H桥驱动器) 一日双H桥驱动器A条双魔桥驱动器) 1 Amp Dual H Bridge Driver 1 A Dual H−Bridge Driver
|
ONSEMI[ON Semiconductor]
|
BD6941FM BD6941FM-15 |
Automotive 1ch H Bridge Driver
|
Rohm
|
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IR2153D IR2153DS IR2153S IR2153DPBF IR2153PBF IR21 |
Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package with bootstrap diode Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead PDIP package Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package with bootstrap diode From old datasheet system SELF-OSCILLATING HALF-BRIDGE DRIVER DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
International Rectifier
|
AN602 |
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards Driver Ics for Automotive Diagnostic Communications Meet ISO9141 Stndards
|
Vishay Siliconix
|
12061C104M4T2A 12061C103K4T2A 08051C104K4T2A 0402Y |
Automotive MLCC Automotive AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Automotive MLCC Automotive MLCC Automotive
|
AVX Corporation
|