PART |
Description |
Maker |
MAX6512UT-T MAX6513UT-T MAX6512 MAX6511UT-T MAX651 |
Temperature trip threshold 55, 3.0V to 5.5V, low-cost, remote SOT temperature switch Low-Cost Remote SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches Temperature trip threshold 95, 3.0V to 5.5V, low-cost, remote SOT temperature switch
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
623-5D 623-5J 623-5W 623-50D 623-50J 623-50W 623-1 |
Resistor-Programmable SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches 5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 50ppm/°C, SOT23, 3-Terminal, 1.2V Voltage Reference Logic IC 逻辑IC
|
Xicon Passive Components Glenair, Inc. Electronic Theatre Controls, Inc.
|
MC13233C |
Low Cost SoC Remote Control Platform
|
Motorola Semiconductor Products
|
LTCWK |
36V Low Cost High Side Current Sense in a SOT-23
|
Linear Technology Corporation
|
ADT6503 ADT6504 |
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from 5°C to 15°C)
|
Analog Devices
|
4280 |
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
|
Renesas Electronics Corporation
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
AS6VA25616-BC AS6VA25616-TC |
High Speed, Low Cost, Op Amp; Package: SOT-23; No of Pins: 6; Temperature Range: Automotive 256K X 16 STANDARD SRAM, 55 ns, PBGA48 High Speed, Low Cost, Triple Op-Amp; Package: SOIC; No of Pins: 14; Temperature Range: Automotive
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
MIC281 MIC281-0BM6 MIC281-0YM6 MIC281-1BM6 MIC281- |
Low-Cost IttyBitty Thermal Sensor Replaced by PTH05000W : Low-Cost IttyBitty?/a> Thermal Sensor IttyBitty Low-Cost IttyBitty Thermal Sensor IttyBitty SPECIALTY ANALOG CIRCUIT, PDSO6 Low-Cost IttyBitty?/a> Thermal Sensor IttyBitty
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD737 AD737AQ AD737BQ AD737JN AD737JR AD737JR-REEL |
Low Cost, Low Power, True RMS-to-DC Converter 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Low Cost/ Low Power/ True RMS-to-DC Converter Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|