PART |
Description |
Maker |
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
2683-100410 2683-200240 2683-200410 2683-100240 26 |
Quadruple-Mode LNA/Mixer Evaluation Kits MAX2582 Evaluation Kit Evaluation Kit for the MAX2601, MAX2602 Interface IC Quad-Band TDD-WCDMA RF-to-Bits Radio Receiver 接口IC
|
Teledyne Technologies, Inc.
|
27C256/BXA-25 27C256/BUA-25 27C256/BXA-20 27C256/B |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC Evaluation Kit for the MAX3873 Evaluation Kit for the MAX3872, MAX3874 Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC Evaluation Kit for the MAX3980, MAX3981 Evaluation Kit for the MAX3982 x8存储 Quad Copper-Cable Signal Conditioner
|
NXP Semiconductors N.V.
|
25SC2R2M 16SC2R2M 25SC4R7M 25SC3R3M 25SCR33M 25SCR |
Evaluation Kit for the MAX1896 KONDENSATOR FESTKOERPER 2.2UF 16V KONDENSATOR FESTKOERPER 4.7UF 25V 5V, Low-Power, 12-Bit Serial ADCs KONDENSATOR FESTKOERPER 0.33UF 25V Evaluation Kit for the MAX1908 Evaluation Kit for the MAX1906X, MAX1906V, MAX1906S KONDENSATOR FESTKOERPER 6.8UF 16V KONDENSATOR FESTKOERPER 6.8UF 16V KONDENSATOR FESTKOERPER 4.7UF 10V KONDENSATOR FESTKOERPER 4.7UF 10V Evaluation Kit for the MAX1898 KONDENSATOR FESTKOERPER 33UF 25V KONDENSATOR FESTKOERPER 1.5UF 25V
|
Sanyo Electric Co., Ltd.
|
2750D0100-01 2750D0150-01 2750D0010-01 2735D0080-0 |
Precision, Quad, SPST Analog Switches Evaluation Kit for the MAX3524 Evaluation Kit for the MAX3514, MAX3516, MAX3517 ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 消费性IC
|
Vishay Intertechnology, Inc.
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
MAX5417LEVKIT |
Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, and MAX5419_
|
MAXIM - Dallas Semiconductor
|
MAX1586AEVSYS MAX1586AEVKIT |
Evaluation System/Evaluation Kit for the MAX1586A MAX1586A评估评估系统
|
Maxim Integrated Products, Inc.
|