PART |
Description |
Maker |
MAX3097 MAX3097E MAX3097ECEE MAX3097ECPE MAX3097EC |
±15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDIP16 ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDSO16 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection 5kV ESD保护2MbpsV/5V,三RS-422/RS-485接收器的故障检 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD保护2MbpsV/5V、三RS-422/RS-485接收器,带有故障检 Video/Imaging Fixed-Point Digital Signal Processor 548-FCBGA 15kV ESD-Protected / 32Mbps / 3V/5V / Triple RS-422/RS-485 Receivers with Fault Detection " ?à15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection" 15kV ESD-Protected 32Mbps 3V/5V Triple RS-422/RS-485 Receivers with Fault Detection ??5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection From old datasheet system 【15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection
|
http:// MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAX3098E MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
ADM206E ADM213E ADM207E ADM208E ADM211E ADM206EAN |
0.3-6V; 800-1000mW; EMI-EMC-compliant, -15kV ESD protected RS-232 line driver/receiver. For laptop computers, notebook computers, printers, peripherals and modems EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers, 5 Receivers and Shutdown and Enable Pins EMI/EMC Compliant, 5kV Protected, RS-232 230kBPS Transceiver with 4 Drivers & 4 Receivers EMI/EMC Compliant, 5kV Protected, 230kBPS, RS-232 Transceiver with 5 Drivers & 3 Receivers EMI-EMC-Compliant, 15 kV ESD Protected, RS-232 Line Drivers/Receivers EMI/EMC Compliant, 615 kV ESD Protected, RS-232 Line Driver/Receiver in a 24-Pin SO Package
|
Analog Devices
|
MAX3374EEBL-T MAX3374EEKA-T MAX3390EEBC-T MAX3390E |
??5kV ESD-Protected, 1??, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP SPECIALTY INTERFACE CIRCUIT, PDSO14 15kV ESD-Protected, 1レA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD保护1µA16Mbps、双/四路、低电压电平转换器,UCSP封装 5kV ESD-Protected, 1A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Serdes (Serializer/Deserializer) Transmitter 56-TSSOP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
ISL3293E ISL3298ENBSP ISL3297ENBSP ISL3296E ISL329 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE DRIVER, PDSO6
|
Intersil Corporation Intersil, Corp.
|
ST3241ECTR ST3241E ST3241EBD ST3241EBDR ST3241EBPR |
?5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN ?5KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
STMICROELECTRONICS[STMicroelectronics]
|
ISL32610EFHZ-T ISL32611EFHZ-T ISL32610EFHZ-T7A ISL |
16.5kV ESD Protected, 1.8V, Micro Power, 125°C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
|
Intersil Corporation
|
ISL83239EI ISL83239EIA ISL83239EIV ISL83239EIA-T I |
【15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers 15kV ESD Protected/ 10nA Supply- Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 15kV ESD Protected 10nA Supply- Current 3V to 5.5V 250kbps RS-232 Transmitters/Receivers ±15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 ??5kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
|