PART |
Description |
Maker |
MAX1647 MAX1647EAP MAX1647-MAX1648 MAX1648 MAX1648 |
Chemistry-Independent Battery Chargers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1647-MAX1648 MAX1648ESE MAX1647EAP |
Chemistry-Independent Battery Chargers 化学,独立电池充电器
|
Maxim Integrated Products, Inc.
|
MAX1667 MAX1667EAP |
Chemistry-Independent / Level 2 Smart Battery Charger Chemistry-Independent, Level 2 Smart Battery Charger
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
B25H2S60KL B25H2S20KL B25H2S40KL B25H2S10KL B25H2S |
THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|600V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|200V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|400V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|100V V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|1.2KV V(RRM)|25A I(T) THYRISTOR MODULE|SCR|DUAL|INDEPENDENT|1KV V(RRM)|25A I(T) 晶闸管模块|可控硅|双|独立| 1KV交五(无线资源管理)|5A我(翻译
|
SCHURTER AG
|
ISL6251A |
Low Cost Multi Chemistry Battery Charger Controller
|
Intersil Corporation
|
IT8673F |
Advanced Input / Output (Advanced I/O) Preliminary Specification V0.5
|
N.A. ETC
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
STPS16035T STPS16035TV |
ARRAY OF INDEPENDENT DIODES|SOT-227A ARRAY OF INDEPENDENT DIODES|SOT-227B
|
|
IR2131S IR2131STR IR2131J IR2131JTR |
3 Phase Driver. Inverting Input. Independent High and Low Side. 700ns Deadtime in a 28-lead SOIC package 3相驱动程序。反相输入。独立的高端和低端。死区时00ns28引脚SOIC封装 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-pin DIP package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-lead SOIC package
|
Fairchild Semiconductor, Corp. International Rectifier
|
KTY10-5 Q62705-K110 Q62705-K71 KTY10 Q62705-K111 Q |
Advanced PFC/PWM Combination Controllers 20-SOIC -40 to 105 硅扩展电阻温度传感器引脚塑料封装 AB 6C 3#0 3#12 PIN PLUG BiCMOS Advanced Phase Shift Resonant Controller 20-TSSOP -40 to 85 Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|