PART |
Description |
Maker |
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
NTE15049AC NTE15040-ECG NTE15048-ECG NTE15050AC NT |
Surge arrester (gas filled). Nominal breakdown voltage 240VAC. Surge arrester (gas filled). Nominal breakdown voltage 600VDC Surge arrester (gas filled). Nominal breakdown voltage 230VDC Surge arrester (gas filled). Nominal breakdown voltage 300VDC Surge arrester (gas filled). Nominal breakdown voltage 90VDC Surge arrester (gas filled). Nominal breakdown voltage 110VDC Surge Arresters (Gas Filled) 避雷器(充气 Surge arrester (gas filled). Nominal breakdown voltage 350VDC Surge arrester (gas filled). Nominal breakdown voltage 145VDC Surge arrester (gas filled). Nominal breakdown voltage 470VDC Surge arrester (gas filled). Nominal breakdown voltage 75VDC Surge arrester (gas filled). Nominal breakdown voltage 120VAC.
|
NTE Electronics, Inc.
|
2SC3646 |
High-Voltage Switching Applications Adoption of FBET, MBIT Processes High Breakdown Voltage and Large Current Capacity
|
TY Semicondutor TY Semiconductor Co., Ltd
|
BFN21 Q62702-F1059 |
From old datasheet system PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
|
SIEMENS[Siemens Semiconductor Group]
|
Q62702-F1306 BF720 BF722 Q62702-F1238 |
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) NPN硅高压晶体管在电视机的视频输出级(适合开关电源和高击穿电压) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
HDS20U30GW |
High Breakdown Voltage
|
SemiHow Co.,Ltd.
|
SOD-123 |
High Breakdown Voltage
|
SHENZHEN YONGERJIA INDUSTRY CO.,LTD
|
2SC3872 |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
PANASONIC[Panasonic Semiconductor]
|
2SC5032 |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
PANASONIC[Panasonic Semiconductor]
|
2SC5036 2SC5036A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
PANASONIC[Panasonic Semiconductor]
|
2SC4985 |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
http:// PANASONIC[Panasonic Semiconductor]
|