PART |
Description |
Maker |
IDT74FCT162952ET IDT74FCT162952CT IDT74FCT162952AT |
16-BIT REGISTERED TRANSEIVER FAST CMOS 16-BIT REGISTERED TRANSCEIVER
|
IDT
|
PI74LPT16501 |
Fast CMOS 18-Bit Registered Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
PI74LPT16952A PI74LPT16952C PI74LPT16952 PI74LPT16 |
Fast CMOS 3.3V 16-Bit Registered Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT74FCT16500CT IDT74FCT16500AT |
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
74ALVC162835A 74ALVC162835ADGG |
74ALVC162835A; 18-bit registered driver with 30 Ohm termination resistors (3-State) 18-bit registered driver with 30W 18-bit registered driver with 30ohm termination resistors (3-State) BUFFER/DRIVER|SINGLE|18-BIT|AVC/ALVC-CMOS|TSSOP|56PIN|PLASTIC 缓冲驱动器|单|18位|AVC/ALVC-CMOS|TSSOP|56引脚|塑料
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
IDT74ALVC162268 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
|
IDT
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
N74F8966A N74F8965A 74F8965 74F8966 |
9-Bit address/data Futurebus transceiver, ADT 9-Bit address/data Futurebus transceiver ADT 16-Bit Ultra-Low-Power MCU, 16kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 F/FAST SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQCC44
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ABT16952 74ABT16952DGG 74ABT16952DL BH16B952DGG |
Triple 3-input positive-NOR gates 14-SOIC 0 to 70 ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 RES, 5.1, 1/4W, TKF, 5%, 1210 16-bit registered transceiver 3-State
|
NXP Semiconductors N.V. Philips Semiconductors
|