PART |
Description |
Maker |
MAX150 MAX150ACPP MAX150ACWP MAX150AEPP MAX150AEWP |
CMOS High Speed 8Bits ADC(500ksps,单通道,串行8位ADC) CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 16-Bit Transceivers With Parity Generators / Checkers And 3-State Outputs 56-TSSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20 CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, UUC20 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 From old datasheet system CMOS High Speed 8-Bit A/D Converter with Reference and Track/Hold Function "CMOS, 1.3?s, 8-Bit ADC with Voltage Reference and Track/Hold" CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold
|
STMicroelectronics N.V. Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CAT28C512HI-12T CAT28C512HI-15T CAT28C512 CAT28C51 |
512K-Bit CMOS PARALLEL EEPROM 512 kb CMOS Parallel EEPROM 64K X 8 EEPROM 5V, 150 ns, PQCC32
|
ON Semiconductor
|
CAT28C512 CAT28C513 CAT28C512HPI-12T CAT28C512HN-1 |
512K CMOS parallel EEPROM 120ns 512K-Bit CMOS PARALLEL E2PROM 513K CMOS parallel EEPROM 120ns 513K CMOS parallel EEPROM 150ns 512K CMOS parallel EEPROM 150ns
|
CATALYST[Catalyst Semiconductor] http://
|
ADV7122ACHIPS ADV7122KSTZ50 |
CMOS 80 MHz, Triple 10-Bit Video DACs; Package: CHIPS OR DIE; No of Pins: -; Temperature Range: Commercial PARALLEL, WORD INPUT LOADING, 10-BIT DAC, UUC PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PQFP48
|
Analog Devices, Inc. ANALOG DEVICES INC
|
KK74HCT164AD KK74HCT164AN |
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT RESISTER High-Performance Silicon-Gate CMOS 8位SERIAL-INPUT/PARALLEL-OUTPUT位移电阻高性能硅栅CMOS
|
KODENSHI KOREA CORP. KODENSHI, CORP. KODENSHI CORP.
|
5962-89518012X 5962-8951801RX 5962-89518012A |
1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQCC20 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP20 High Speed, µP-Compatible, CMOS, 8-Bit Sampling ADC; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Military
|
ANALOG DEVICES INC
|
AD7545A AD7545ABE AD7545ABQ AD7545ACE AD7545ACQ AD |
CMOS 12-Bit Buffered Multiplying DAC With Internal Data Latches CMOS 12-Bit Buffered Multiplying DAC PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CQCC20 PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PQCC20 CMOS 12-Bit Buffered Multiplying DAC
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MP7542 MP7542AD MP7542BD MP7542JN MP7542JS MP7542K |
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter PARALLEL, 4 BITS INPUT LOADING, 12-BIT DAC, PDSO16
|
Exar, Corp. EXAR[Exar Corporation]
|
ADV7120KP80-REEL ADV7120KPZ80 ADV7120KP50-REEL |
TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC44 PLASTIC, LCC-44 CMOS 80 MHz, Triple 8-Bit Video DAC; Package: PLCC; No of Pins: 44; Temperature Range: Commercial TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC44
|
Analog Devices, Inc. ANALOG DEVICES INC
|