PART |
Description |
Maker |
FGA25N120 FGA25N120AN FGA25N120ANTU |
Discrete, NPT IGBT TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,25A
|
FAIRCHILD[Fairchild Semiconductor]
|
FGA15N120ANDTU FGA15N120ANDTUNL |
Discrete, NPT IGBT with Diode; Package: TO-3P; No of Pins: 3; Container: Rail
|
FAIRCHILD SEMICONDUCTOR CORP
|
HGTP10N120BN HGTG10N120BN HGT1S10N120BNS HGT1S10N1 |
1200V, NPT Series N-Channel IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 35 A, 1200 V, N-CHANNEL IGBT, TO-263AB 35A/ 1200V/ NPT Series N-Channel IGBT 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, NPT N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IXDH30N120D1 IXDT30N120D1 IXDH30N120 IXDT30N120 |
IGBT Discretes: NPT IGBT High Voltage IGBT with optional Diode
|
IXYS[IXYS Corporation]
|
IXDP20N60BD1 IXDP20N60B |
IGBT Discretes: NPT IGBT High Voltage IGBT with optional Diode
|
IXYS[IXYS Corporation]
|
Q67040-S4340 SKP06N60 Q67040-S4230 Q67040-S4231 SK |
Fast S-IGBT in NPT-Technology with An... IGBTs & DuoPacks - 6A 600V TO263AB SMD IGBT Diode IGBTs & DuoPacks - 6A 600V TO220-3-31 (Fullpack) IGBT Diode Fast IGBT in NPT-technology with soft fast recovery anti-parallel EmCon diode Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
|
INFINEON[Infineon Technologies AG]
|
IXDP35N60B IXDH35N60B IXDH35N60BD1 |
IGBT Discretes: NPT IGBT IGBT with optional Diode
|
IXYS[IXYS Corporation]
|
SGH80N60UFD SGH80N60UFDTU |
Discrete, High Performance IGBT with Diode Ultrafast IGBT 240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 80 A, 600 V, N-CHANNEL IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IXDN75N120 L209 |
High Voltage IGBT IGBT Discretes: NPT IGBT From old datasheet system High Voltage IGBT 150 A, 1200 V, N-CHANNEL IGBT
|
IXYS[IXYS Corporation] IXYS, Corp.
|
SGL160N60UFD SGL160N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 160 A, 600 V, N-CHANNEL IGBT, TO-264AA Ultrafast IGBT Discrete, High Performance IGBT with Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|