PART |
Description |
Maker |
CAT93W66 CAT93C6612KI-28TE13 CAT93W66VP2I-GT3 CAT9 |
4 kb Microwire Serial CMOS EEPROM Self?timed Write Cycle with Auto?clear 4 kb Microwire Serial CMOSEEPROM
|
ON Semiconductor
|
93C56B-I_SN 93C76BT-E_OT 93LC465CT-E_OT 93LC86AT-I |
1K-16K Microwire Compatible Serial EEPROMs 128 X 8 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Microchip Technology
|
93LC46AB 93LC46B 93LC46B-ST 93LC46A 93LC46A-IP 93L |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 Microwire Serial EEPROM 微型导线串行EEPROM 1K 2.5V Microwire Serial EEPROM
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology] http://
|
ST93C06 ST93C06B1013TR ST93C06B3013TR ST93C06B6013 |
From old datasheet system 256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM 2566 × 162 × 8 MICROWIRE的串行EEPROM Microwire Serial EEPROM 微型导线串行EEPROM
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
CAT93C46LI-G CAT93C46XI-T2 CAT93C46VP2I-GT3 |
1 kb Microwire Serial EEPROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1 Kb Microwire Serial EEPROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
CAT93HC46JA-18TE13 CAT93HC46JE-18TE13 CAT93HC46JI- |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 TSSOP-8 1-kb High Speed Microwire Serial EEPROM
|
Catalyst Semiconductor
|
CAT93C76LI-G |
8 kb Microwire Serial EEPROM 512 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
ON Semiconductor
|
CAT93C56VE-GT3 CAT93C57WA-GT3REVE CAT93C57WA-1.8-G |
2 kb Microwire Serial EEPROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8
|
ON Semiconductor
|
AK93C55C AK93C45CU AK93C45C AK93C45CL AK93C45CT AK |
256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1K/2K/4Kbit Serial CMOS EEPROM
|
Asahi Kasei Microsystems
|
93AA76A-I/P 93AA76BT-E/STG 93AA76BT-I/OTG 93AA76BT |
8K Microwire Compatible Serial EEPROM 8K的微丝兼容串行EEPROM 8K Microwire Compatible Serial EEPROM 8K的微丝兼容串EEPROM
|
Microchip Technology Inc. Microchip Technology, Inc.
|
93C56 M9306-RDW3T M9306-RDS3T M9306-RDS6T M9306-RD |
16Kbit / 8Kbit / 4Kbit / 2Kbit / 1Kbit and 256bit 8-bit or 16-bit wide Round Conductor Flat Cable, 3749/100 30 AWG, .025 (0.64) 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbitKbitKbitKbit56 8位或16位全 CONNECTOR ACCESSORY 连接器附 HOT MELT ADHESIVE VO-Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 HOT MELT ADHESIVE Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbit4KbitKbit1Kbit56 8位或16位全 TRANS PREBIASED NPN 200MW SOT323 16KbitKbitKbitKbitKbit56 8位或16位全 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
ST93C57B1013TR ST93C57B1TR ST93C57B3013TR ST93C57B |
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM 2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM 2K 128 x 1656 × 8 MICROWIRE的串行EEPROM 2K (128 x 16 or 256 x 8) SERIAL MICROWIRE EEPROM
|
STMicroelectronics N.V. 意法半导 MICROCHIP[Microchip Technology] STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|