PART |
Description |
Maker |
74LV374 74LV374N 74LV374D 74LV374DB 74LV374PW |
74LV374; Octal D-type flip-flop; positive edge-trigger (3-State) Octal D-type flip-flop; positive edge-trigger 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74LVTH374 74LVT374 74LVT374WMX 74LVTH374WMX 74LVTH |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system Octal D-Type Flip-Flop 八路D类触发器
|
Fairchild Semiconductor, Corp.
|
74LS374 HD74LS374 |
Octal D-type Flip-Flops with noninverted 3-state output Octal D-type Edge-triggered Flip-Flips(with three-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
MC74HCT273ADW MC74HCT273ADWR2 MC74HCT273AN HCT273 |
LAMINATED LABEL, 3/4-INCH BLK/YEL RoHS Compliant: Yes HCT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs Octal D-Type Flip-Flop
|
ONSEMI[ON Semiconductor]
|
HD74BC374A HD74BC374AP HD74BC374AFP |
FLIP-FLOP|OCTAL|D TYPE|BICMOS-TTL|SOP|20PIN|PLASTIC 触发器|八路| D型|的BiCMOS - TTL电|专科| 20针|塑料 WA Series Standard Basic Switch, Single Pole Normally Closed Circuitry, 20 A at 250 Vac, Special Lever Actuator, 0,7 N [2.5 oz] Operating Force, Silver Contacts, Screw Termination Octal D Type Flip Flops With 3 State Outputs
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
TC74HCT574AFW TC74HCT574AF TC74HCT574AP E004956 |
OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT From old datasheet system OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTOUTS
|
Toshiba Semiconductor
|
SN74LS374DW SN74LS374N SN74LS373DW SN54LS374J 74LS |
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT Hex Inverter; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Inc
|
MC74VHCT540A06 MC74VHCT541ADWG MC74VHCT541A06 MC74 |
Octal Bus Buffer Octal D?Type Latch with 3?State Output Octal D?Type Flip?Flop with 3?State Output Octal D−Type Flip−Flop with 3−State Output
|
ONSEMI[ON Semiconductor]
|
MM74C373 MM74C373M MM74C373N MM74C374M MM74C374N |
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
Fairchild Semiconductor
|
MM74C374N MM74C373 MM74C373M MM74C373N MM74C374M |
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|