PART |
Description |
Maker |
M27V801-200P6TR M27V801 M27V801-120F1TR M27V801-12 |
NND - 8 MBIT (1MB X8) LOW VOLTAGE UV EPROM AND OTP EPROM Hex Inverting Drivers 14-PDIP 0 to 70 Hex Inverting Drivers 14-SO 0 to 70 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 8兆x8低压紫外线EPROM和检察官办公室存储器 Quadruple 2-Input Positive-AND Buffers/Drivers 14-SOIC 0 to 70 8兆x8低压紫外线EPROM和检察官办公室存储器 Hex Inverting Drivers 14-SOIC 0 to 70 8兆x8低压紫外线EPROM和检察官办公室存储器 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 81兆x8低压紫外线EPROM和检察官办公室存储器
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AM29F100B-120DGC AM29F100B-120DGE AM29F100B-120DGC |
Hex Inverters With Open-Drain Outputs 14-SOIC -40 to 85 Quadruple 2-Input Positive-AND Gates 14-VQFN -40 to 85 128K X 8 FLASH 5V PROM, 70 ns, PDSO48 Quadruple 2-Input Positive-AND Gates 14-SOIC -40 to 85 128K X 8 FLASH 5V PROM, 150 ns, PDSO48 Triple 3-Input Positive-AND Gates 14-SSOP -40 to 85 128K X 8 FLASH 5V PROM, 90 ns, PDSO44 Triple 3-Input Positive-NAND Gate 14-SOIC -40 to 85 128K X 8 FLASH 5V PROM, 70 ns, PDSO44 Triple 3-Input Positive-NAND Gate 14-SSOP -40 to 85 128K X 8 FLASH 5V PROM, 70 ns, PDSO48 Quadruple 2-Input Positive-AND Gates 14-TSSOP -40 to 85 128K X 8 FLASH 5V PROM, 150 ns, PDSO44 1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO48 Hex Inverters With Open-Drain Outputs 14-TSSOP -40 to 85 128K X 8 FLASH 5V PROM, 150 ns, PDSO48 1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 8 FLASH 5V PROM, 150 ns, PDSO48 Hex Inverters With Open-Drain Outputs 14-SSOP -40 to 85 128K X 8 FLASH 5V PROM, 120 ns, PDSO48 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TVSOP -40 to 85 128K X 8 FLASH 5V PROM, 150 ns, PDSO44 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 85 128K X 8 FLASH 5V PROM, 70 ns, PDSO48 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 85 128K X 8 FLASH 5V PROM, 70 ns, PDSO48 Replaced by SN74LV08A : Quadruple 2-Input Positive-AND Gate 14-TSSOP -40 to 85 128K X 8 FLASH 5V PROM, 120 ns, PDSO48 Hex Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 85 128K X 8 FLASH 5V PROM, 90 ns, PDSO48 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 85 128K X 8 FLASH 5V PROM, 70 ns, PDSO48 Hex Inverters With Open-Drain Outputs 14-TVSOP -40 to 85 128K X 8 FLASH 5V PROM, 120 ns, PDSO48 Hex Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 85 128K X 8 FLASH 5V PROM, 70 ns, PDSO44 Triple 3-Input Positive-NAND Gate 14-SOIC -40 to 85 128K X 8 FLASH 5V PROM, 90 ns, PDSO48 1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PDSO44 Hex Inverters With Open-Drain Outputs 14-SO -40 to 85 128K X 8 FLASH 5V PROM, 120 ns, PDSO44 Triple 3-Input Positive-NAND Gate 14-TSSOP -40 to 85 128K X 8 FLASH 5V PROM, 90 ns, PDSO48 Hex Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 85 128K X 8 FLASH 5V PROM, 90 ns, PDSO48 Hex Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 85 128K X 8 FLASH 5V PROM, 90 ns, PDSO44 Hex Buffers/Drivers With Open-Drain Outputs 14-TVSOP -40 to 85 128K X 8 FLASH 5V PROM, 90 ns, PDSO48 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1
|
http:// ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
TC4467 TC4468 TC4469 |
The TC446X family of four-output CMOS buffer/drivers are an expansion from our earlier single- and dual-output drivers. Each driver has been equipped with a two-input logic gate for added flexibility. The TC446X drivers can source up to 25 Logic-Input CMOS Quad Drivers
|
MICROCHIP[Microchip Technology]
|
74LCX04M 74LCX04TTR 74LCX04MTR -74LCX04M |
LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
UCN5841 UCN5841A UCN5841LW UCN5842 UCN5842A UCQ584 |
(UCN5842) BiMOS II 8-BIT SERIAL-INPUT / LATCHED DRIVERS BiMOS II 8-Bit Serial-Input, Latched Driver to be Used in a Wide Variety of Peripheral Power Driver Applications(广泛用于各种外围功率器件的BiMOS II 8位串行输入锁存驱动器) BiMOS II 8-BIT SERIAL-INPUT/ LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT. LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8-BIT SERIAL INPUT/ LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MAX690A-MAX805L MAX802LCPA MAX802LCSA MAX802LEPA M |
Hex Bus Drivers With 3-State Outputs 16-CFP -55 to 125 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-LCCC -55 to 125 Hex Bus Drivers With 3-State Outputs 20-LCCC -55 to 125 Microprocessor Supervisory Circuits From old datasheet system
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MC14584BCL MC14584B MC14584 MC14584BCP ON0943 MC14 |
From old datasheet system ORDERING INFORMATION Hex Schmitt Trigger 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Schmitt Trigger 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc Motorola Mobility Holdings, Inc.
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
MC74ACT04 MC74ACT04D MC74ACT04N MC74AC04 MC74AC04D |
CERAMIC CHIP/MIL-PRF-55681 AC SERIES, HEX 1-INPUT INVERT GATE, PDSO14 HEX INVERTER From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor Motorola, Inc
|
HEF40106 HEF40106B HEF40106BD HEF40106BF HEF40106B |
Hex inverting Schmitt trigger 六反相施密特触发 gates Hex inverting Schmitt trigger HEF40106B; Hex inverting Schmitt trigger Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Tube HEX 1-INPUT INVERT GATE, PDSO14 Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Reel Pack, SMD, 13"
|
List of Unclassifed Manufacturers NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|