PART |
Description |
Maker |
IDT74FCT162501CT IDT74FCT162501AT IDT74FCT162501CT |
18-Bit Registered Transciever FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
IDT74FCT162952ET IDT74FCT162952CT IDT74FCT162952AT |
16-BIT REGISTERED TRANSEIVER FAST CMOS 16-BIT REGISTERED TRANSCEIVER
|
IDT
|
74AVCM162835 74AVCM162835DGG 74AVCM162835DGG-T |
AVC SERIES, 18-BIT DRIVER, TRUE OUTPUT, PDSO56 18-bit registered driver with 15 ohm termination resistors 3-State 18-bit registered driver with 15 W 18-bit registered driver with 15 Ohm termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVCH16543APAG8 |
IC LOGIC 16543 CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-56 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Integrated Device Technology, Inc.
|
PI74ALVCH16270 |
From old datasheet system 12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
SSTV16859DGG SSTV16859BS SSTV16859EC |
2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
|
NXP Semiconductors
|
SSTUA32866 SSTUA32866EC SSTUA32866EC_G SSTUA32866E |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HD74ALVCHR162269A |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
IDT74ALVCHR162269A |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
|
IDT
|