PART |
Description |
Maker |
74ABT2240CMSA 74ABT2240CMTC 74ABT2240CSC 74ABT2240 |
Dual 4-Bit Inverting Buffer/Driver ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers From old datasheet system Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74ABT827 74ABT827D 74ABT827DB 74ABT827N 74ABT827PW |
10-bit buffer/line driver, non-inverting 3-State ABT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24 10-bit buffer/line driver/ non-inverting 3-State From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVC162244A 74LVC162244ADGG 74LVC162244ADL 74LVCH |
with 30 Ohm series termination resistors, 5 V input/output tolerant (3-State) 16-bit buffer/line driver; with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω串联终端电阻器,5V输入/输出容限6位缓冲器/线驱动器(三态)) 16-bit buffer/line driver; with 30ohm series termination resistors/ 5V input/output tolerant 3-State 16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State 16-bit buffer/line driver; with 30W series From old datasheet system
|
NXP Philips Semiconductors
|
74ACTQ16244 74ACTQ16244MTD 74ACTQ16244SSC 74ACTQ16 |
GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 Quad 4-Bit Buffer/Driver 16-Bit Buffer/Line Driver with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation
|
74ACTQ240 74ACQ240 74ACQ240SC 74ACQ240SJ 74ACTQ240 |
Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs From old datasheet system Quiet Series???? Octal Buffer/Line Driver Dual 4-Bit Inverting Buffer/Driver 位反向缓冲器/驱动
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74FR2244SJ 74FR2244 74FR2244PC 74FR2244SC |
Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDIP20 Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ18825 74ACTQ18825MTD 74ACTQ18825SSC 74ACTQ18 |
18-Bit Buffer/Line Driver with 3-STATE Outputs 18-Bit Buffer/Driver
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74VHCT541A 74VHCT541AMTCX 74VHCT541AMX 74VHCT541AS |
Octal Buffer/Line Driver with 3-STATE Outputs 8-Bit Non-Inverting Buffer/Driver 8位非反向缓冲驱动
|
Fairchild Semiconductor, Corp.
|