PART |
Description |
Maker |
TFMCJ65A TFMCJ90A TFMCJ TFMCJ10 TFMCJ100 TFMCJ100A |
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB MILL 3 XD26; 16/10 24VDC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
RECTRON[Rectron Semiconductor] http://
|
JANTX1N5907TR |
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
Microsemi, Corp.
|
SMCJ6.0 SMCG5.0CA SMCJ7.0 SMCJ12CA SMCJ5.0CA SMCG5 |
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor From old datasheet system CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS Quad Exclusive-OR Gate 14-SO -55 to 125 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 420V; Case Size: 30x45 mm; Packaging: Bulk CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-PDIP -55 to 125 SURFACE MOUNT 1500 Watt Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE http://
|
SMCJ7.5 SMCJ60A SMCJ85A SMCJ6.5A |
CMOS Decade Counter with 10 Decoded Outputs 16-SO -55 to 125 Replaced by CD4024B : CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-CDIP -55 to 125 Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
1SMC16AT3 1SMC16A 1SMC6.5A 1SMC6.5AT3 1SMC5.0AT3 1 |
1500W Zener 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
|
ON Semiconductor
|
M1.5KE8.2A M1.5KE82A M1.5KE250A M1.5KE24A M1.5KE20 |
Unidirectional and Bidirectional Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Microsemi Corporation MICROSEMI CORP-IRELAND
|
1.5KE180 1.5KE33A 1.5KE33 1.5KE51 1.5KE18A 1.5KE68 |
8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 24-TVSOP -40 to 85 RES, CF, 1/4W, 5%, 100 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE FLKM 64/LA 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE TRANSIENT ABSORPTION ZENER 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE WS 4-14 WS 5-14 PTSA 0.5/21-2.5-Z 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 Unidirectional & Bidirectional Transient Voltage Suppressors TRANSIENT ABSORPTION ZENER UNIDIRECTLOANL AND BIDIRECTIONAL
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C15 BZX55 |
8A TRIACS 半瓦齐纳基准 Half Watt Zener(功耗为0.5瓦的齐纳二极 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Half Watt Zener(功耗为0.5瓦的齐纳二极 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Series Half Watt Zeners
|
Vishay Intertechnology, Inc. Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
P4KE11 P4KE10 P4KE100 P4KE20 P4KE27 P4KE33 P4KE180 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE) 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41
|
RECTRON[Rectron Semiconductor]
|
1N5639A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
GENERAL SEMICONDUCTOR INC
|
1.5KE8.2ACOX.200 1.5KE200COX.160 1.5KE200COX.200 1 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-LAWRENCE
|