PART |
Description |
Maker |
VP2611 |
H.261 Encoder From old datasheet system
|
Zarlink
|
VP2615 |
H.261 Decoder
|
Zarlink Semiconductor
|
HEDL-550X HEDL-560X HEDL-554X HEDL-9100 HEDL-9140 |
Available on Both Encoder Modules (HEDS-9000 Series) and Encoder Kit Housing (HEDS-5500 Series) Encoder Line Drivers
|
AVAGO TECHNOLOGIES LIMI... AVAGO TECHNOLOGIES LIMITED
|
AD725 AD725ARZ-R7 AD725ARZ-RL AD725AR-REEL AD725AR |
RGB to NTSC/ PAL Encoder; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial COLOR SIGNAL ENCODER, PDSO16 Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TB0204A |
IF SAW Filter 261.12MHz(BW=5MHz) SMD 13.3X6.5mm
|
TAI-SAW TECHNOLOGY CO., LTD. TAI-SAW TECHNOLOGY CO.,...
|
AT43USB301-SC |
Low-cost USB Hub Controller(261.97 k) 低成本的USB集线器控制器61.97十一
|
Maxim Integrated Products, Inc.
|
HEF4532 HEF4532B HEF4532BD HEF4532BF HEF4532BN HEF |
8-input priority encoder 4000/14000/40000 SERIES, 8-BIT ENCODER, CDIP16
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
0351890260 |
4.75mm (.187) Tab, MP-Lock Housing, 2 Circuits 6.65mm (.261) Pitch, UL94V-2Natural
|
Molex Electronics Ltd.
|
ECW1J-B24-BC0024L ECW0J-J24-BC0006L ECW1D-B36-BC00 |
Digital Contacting Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE ENCODER-DIGITAL CONTACTING SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Encoders Digital Contacting Bushing Mount SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: No
|
Bourns Electronic Solutions Bourns Inc. Bourns, Inc. Cypress Semiconductor, Corp. Harwin PLC Bourns Electronic Solut...
|
RMCF1/162611X |
RESISTOR, METAL GLAZE/THICK FILM, 0.1 W, 1 %, 100 ppm, 261 ohm, SURFACE MOUNT, 0603 CHIP
|
Stackpole Electronics, Inc.
|
HEDR-5420-ES201 HEDR-5420-ES202 HEDR-5420-ES203 HE |
Mid-Sized Housed Encoder 中型壳编码器 HEDR-5421-EP111 · Mid-Sized Housed Encoder HEDR-5420-ES214 · Mid-Sized Housed Encoder HEDR-5420-ES211 · Mid-Sized Housed Encoder HEDR-5420-ES203 · Mid-Sized Housed Encoder HEDR-5420-ES202 · Mid-Sized Housed Encoder HEDR-5420-ES201 · Mid-Sized Housed Encoder
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard)
|