PART |
Description |
Maker |
HCF4013 HCF4013M013TR HCF4013B HCF4013BEY HCF4013B |
4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 DUAL 'D' - TYPE FLIP-FLOP DUAL D-TYPE FLIP FLOP
|
STMICROELECTRONICS[STMicroelectronics]
|
74AC175 74AC175MTC 74AC175PC 74AC175SC 74AC175SJ 7 |
From old datasheet system Quad D-Type Flip-Flop IC FLIP FLOP D TYPE POSITIVE-EDGE QUAD 16TSSOP T/R Microprocessor-Compatible, 14-Bit DACs AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
74LCX74SJ 74LCX74MX_NL 74LCX74 74LCX74BQX 74LCX74M |
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs LVC/LCX/Z SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, QCC14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HCTS112MS HCTS112D HCTS112DMSR HCTS112HMSR HCTS112 |
Radiation Hardened Dual JK Flip-Flop HCT SERIES, DUAL NEGATIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
74LCXH162374MTX 74LCXH162374 74LCXH162374GX 74LCXH |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PI74STX1G79TX PI74STX1G79 PI74STX1G79CX |
FLIP-FLOP|SINGLE|D TYPE|CMOS|TSSOP|6PIN|PLASTIC 触发器|单| D型|的CMOS | TSSOP封装| 6针|塑料 SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
|
Pericom Semiconductor, Corp. PERICOM[Pericom Semiconductor Corporation]
|
74ACTQ821 74ACTQ821SC 74ACTQ821SPC |
Quiet Seriesa?10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa⑩ 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa10-Bit D-Type Flip-Flop with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MM74HC574WM MM74HC574SJX |
3-STATE Octal D-Type Edge-Triggered Flip-Flop IC,FLIP-FLOP,OCTAL,D TYPE,HC-CMOS,SOP,20PIN,PLASTIC
|
Fairchild Semiconductor Corp
|