PART |
Description |
Maker |
NW6006 NW6006-XS NW6006AS |
Enhanced Type II Caller ID Decoder with Stutter Tone Detection ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
|
IDT[Integrated Device Technology]
|
HT95168 |
Caller ID Telephone IC
|
Holtek Semiconductor Inc. HOLTEK[Holtek Semiconductor Inc]
|
EM92547B EM92547D EM92547A EM92547DP |
CALLER ID FSK DECODER
|
EMC[ELAN Microelectronics Corp]
|
NW6005AS |
Enhanced Type II Caller ID Decoder
|
IDT
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|
LP62S16512-I LP62S16512U-55LLI LP62S16512U-70LLI L |
512K X 16 BIT LOW VOLTAGE CMOS SRAM Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AMICC[AMIC Technology] AMIC Technology Corporation
|
RTS8505C |
The RTS8505C is a caller ID integrated chip with call waiting function. An 8-bit microprocessor (6502) has been built in the chip and it provides a co
|
Electronic Theatre Controls, Inc.
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
90120-0767 |
Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex
|
BYT28-300 BYT28-400 BYT28-500 BYT28 |
Dual rectifier diodes ultrafast(超快速双整流二极 ; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Impedance:75ohm; Voltage Nom.:300V RoHS Compliant: Yes
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
1770970000 |
Terminal Block; Number of Positions:5; Pitch Spacing:0.138"; Wire Size (AWG):22-20; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:5 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|