PART |
Description |
Maker |
SIP2213DMP-XZ-T1 SIP2213 SIP2213DLP-AA-T1 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection From old datasheet system Dual Output Low Dropout Regulator
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MAX8882EUTQ5-T MAX8882EUTJ5 MAX8882EUTJ5T |
Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Maxim Integrated Products, Inc.
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
SI-3006KWD |
SI-3006KWD 1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
|
Allegro MicroSystems
|
NCP5504 NCP5504DTRKG NCV5504DTRKG |
250 mA Dual Output Low Dropout Linear Regulator
|
ON Semiconductor
|
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
VRD1A1DLTX VRD1A1ELTX VRD1A25LTX VRD1A2FLTX VRD1A2 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with Dual output
|
AnaSem Hong Kong Limited
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
CS8164-D CS8164YTVA5 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PZFM5 8V/5V Low Dropout Dual Regulator with ENABLE
|
ON Semiconductor
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
AAT1205-S-T AAT1205 AAT1205-S |
400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL OUTPUT POWER MANAGEMENT
|
AAT[Advanced Analog Technology, Inc.]
|
|