PART |
Description |
Maker |
QL3060-0PB456C QL3060-1PB456M QL3060-1PB456C QL306 |
60,000 usable PLD gate pASIC 3 FPGA combining high performance and high density. FPGA|1584-CELL|CMOS|QFP|208PIN|PLASTIC FPGA的| 1584细胞|的CMOS | QFP封装| 208PIN |塑料 FPGA|1584-CELL|CMOS|BGA|456PIN|PLASTIC
|
QuickLogic, Corp.
|
QL3004 |
PLD Gate pASIC 3 FPGA Combining High Performance and High Density
|
QuickLogic Corporation
|
QL3060 |
PLD Gate pASIC 3 FPGA Combining High Performance and High Density
|
QuickLogic Corporation
|
QL3004-4PL84C QL3004-4PL84I QL3004-4PL84M QL3004-4 |
4,000 usable PLD gate pASIC 3 FPGA combining high performance and high density.
|
QuickLogic
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
TSC251G1DXXX-L12CB TSC251G1DXXX-L12CED TSC251G1DXX |
FPGA, CYCLONE III, 5K LE, 164MQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 55K 484 UBGA IC CYCLONE III FPGA 55K 780 FBGA IC CYCLONE III FPGA 55K 780FBGA 8-BIT MICROCONTROLLER 8位微控制
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|
5962F9096505QTC 5962-9096501MUC 5962-9096503MUC 59 |
Quad, DAC-Programmed, CMOS Comparator Digitally Programmable, Dual, 2nd-Order, Continuous Lowpass Filter 现场可编程门阵列(FPGA 4th- and 8th-Order, Continuous-Time Active Filters 现场可编程门阵列(FPGA Integrated L1-Band GPS Receiver 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
Actel, Corp. STMicroelectronics N.V. Molex, Inc.
|
XC3090-100CB164C XC3090-100CQ164C XC3090-100CB164M |
设计的FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA RF inductor, no core, RoHS 现场可编程门阵列(FPGA
|
HIROSE ELECTRIC Co., Ltd. Electronic Theatre Controls, Inc. CTS, Corp. EPCOS AG
|
PUMA68F64006AM-15 PUMA68F64006AM-15E PUMA68F64006A |
4NS, 144 TQFP, COM TEMP(FPGA) 2NS, 240 PQFP, COM TEMP(FPGA) 15K GATE, 4NS, 84 PLCC, IND TEMP(FPGA) EEPROM 4NS, 100 VQFP, COM TEMP(FPGA) EEPROM 9K GATE, 2NS, 132 BQFP, IND TEMP(FPGA) EEPROM
|
ON Semiconductor
|
XC2S200E-6FG676C XC2S200E-6FG676I XC2S200E-6FGG456 |
Second generation ASIC replacement technology FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA676 100,000 SYSTEM GATE 1.8V FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA256 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 864 CLBS, 52000 GATES, 357 MHz, PBGA456 300,000 SYSTEM GATE 1.8V FPGA - NOT RECOMMENDED for NEW DESIGN FPGA, 1536 CLBS, 93000 GATES, 400 MHz, PBGA456 Spartan-IIE FPGA Product Availability
|
XILINX INC Xilinx, Inc.
|
|