PART |
Description |
Maker |
GS8170LW36C-250 GS8170LW72C-200 GS8170LW72C-300 GS |
Low-Noise Operational Amplifier 8-SOIC -40 to 85 18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM Low-Noise Operational Amplifier 8-PDIP -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM Low-Noise Operational Amplifier 8-SO -40 to 85 35.7西格x1Lp的CMOS的I / O后写入SigmaRAM
|
Electronic Theatre Controls, Inc.
|
SGM358 SGM358YMS SGM358YMS_TR SGM358YP SGM358YS SG |
1MHz, 60μA, Rail-to-Rail I/O CMOS Operational Amplifier 1MHz, 60レA, Rail-to-Rail I/O CMOS Operational Amplifier
|
Shengbang Microelectronics Co, Ltd
|
BA3131FS BA3131 |
Dual operational amplifier with switch, for audio use (3 inputs × 1 output × 2) ER 14C 14#16 PIN PLUG Dual operational amplifier with switch/ for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 】 1 output 】 2) Standard Linear LSIs > Operational amplifier > Operational amplifier with input multiplexer
|
Rohm CO.,LTD. ROHM[Rohm]
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
MM3002 |
CMOS Operational Amplifier (Single)
|
Mitsumi
|
AA6081 |
Precision CMOS Single Operational Amplifier
|
Agamem Microelectronic Inc.
|
AD8504 AD8502 |
1μ Micropower Precision CMOS Operational Amplifier 1レ Micropower Precision CMOS Operational Amplifier 1ヌ MICROPOWER PRECISION CMOS OPERATIONAL AMPLIFIER
|
Analog Devices
|
NJU7034 NJU7031 |
Low Voltage CMOS Operational Amplifier
|
New Japan Radio
|
ALD1726ESAL |
EPAD? ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
|
Advanced Linear Devices
|