PART |
Description |
Maker |
SBL4030PT SBL4035PT SBL4060PT SBL4040PT SBL4045PT |
40A SCHOTTKY BARRIER RECTIFIER
|
DIODES[Diodes Incorporated] General Semiconductor
|
MBR4030PT MBR4060PT MBR4040PT MBR4050PT MBR4045PT |
40A Schottky Barrier Rectifier From old datasheet system
|
Vishay
|
SSR40C20 SSR40C30 SSR40C30CT SSR40C20CTM |
20 A, 200 V, SILICON CARBIDE, RECTIFIER DIODE, TO-254AA 40A / 300V Schottky Silicon Carbide Centertap Rectifier
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
WP05R WP05R24D05 WP05R24D12 WP05R24D15 WP05R24S03 |
5 Watt Regulated Small Package DC/DC Converter 5 WATT UNREGULATED SMALL PACKAGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 1A 20V 22A-Ifsm 0.36Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 33A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 20V 40A-Ifsm 0.42Vf 1A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 2A 30V 75A-Ifsm 0.45Vf 0.2A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL RECTIFIER SCHOTTKY SINGLE 1A 60V 50A-Ifsm 0.5Vf 0.1A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
SBR4060PT |
RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-247 50/TUBE 40 A, 60 V, SILICON, RECTIFIER DIODE, TO-247 Super barrier rectifier
|
Diodes, Inc. ETC List of Unclassifed Manufacturers
|
SBR40100CTFP |
40A SBR Super Barrier Rectifier 20 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Diodes, Inc.
|
SBR40U45CTB |
RECTIFIER SBR DUAL 40A 45V 300A-ifsm 560mV-vf 0.5mA-ir D2PAK 50/TUBE 40 A, 45 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Diodes, Inc.
|
DF40PC3 |
Schottky Rectifiers (SBD) (30V 40A)
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
DF40SC3L |
Schottky Rectifiers (SBD) (30V 40A)
|
SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|
SBR40U60CT |
RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 20 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Diodes, Inc.
|
MUR460 |
40A SUPER-FAST RECTIFIER
|
DIODES[Diodes Incorporated]
|