PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74VHCT541A 6535 74VHCT541AM 74VHCT41AT -74VHCT541A |
Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 八路总线缓冲器与三态输出的非反 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LCX541MTR 74LCX541TTR 74LCX541 74LCX541M |
OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74LVQ541TTR 74LVQ541 74LVQ541MTR |
LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NO INVERTED) OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M74HC241HV M74HC241HVB1R M74HC241HVC1R M74HC241HVF |
Octal Bus Buffer with 3 State Outputs(涓??杈??????荤嚎缂???????)) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
74VHC244 74VHC244M 74VHC244T 6169 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMICROELECTRONICS[STMicroelectronics]
|
M74HC240TTR M74HC240RM13TR M74HC240 M74HC240B1R M7 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
|
ST Microelectronics STMicroelectronics
|
74ACT24001 74ACT240B 74ACT240TTR 74ACT240M 74ACT24 |
OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
|
ST Microelectronics STMicroelectronics
|
74VHC240M 74VHC240MTR |
OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
|
ST Microelectronics
|
M74HC244RM13TR M74HC244TTR M74HC244 M74HC244B1R M7 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NOT INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|