PART |
Description |
Maker |
LTC3631EMS8E-3.3-PBF LTC3631EMS8E-3.3-TRPBF LTC363 |
High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
|
Linear Technology
|
SP6120HV SP6120HVCY SP6120HVCY_TR SP6120HVEY SP612 |
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
|
SIPEX[Sipex Corporation]
|
CY7C4221V CY7C4231V CY7C4251V CY7C4201V 7C42X1V CY |
1KX9 Low Voltage SYNCHRONOUS FIFO 256 x 9 Low Voltage Synchronous FIFO Low Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs From old datasheet system Low Voltage 4K x 9 Synchronous FIFOs(4Kx9低压同步先进先出(FIFO
|
Cypress Semiconductor Corp.
|
IRDC3055 |
The IRU3055 is a 3-phase synchronous Buck controller which provides high performance DC to DC converter for high current and low voltage applications, such as power supply for Intel or AMD processors.
|
International Rectifier
|
LTC3632 |
High Voltage 20mA Synchronous Step-Down Converte
|
Linear Technology Corporation
|
LT3845ENTRPBF LT3845EFEPBF LT3845IFEPBF LT3845MPFE |
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
RT9610C RT9610CGQW |
High Voltage Synchronous Rectified Buck MOSFET Driver
|
Richtek Technology Corp...
|
LTC3775EUDPBF LTC3775IUDPBF LTC3775IUDTRPBF LTC377 |
High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
|
Linear Technology
|
SP6134HCU-L SP6134HEU-L SP6134HEU-L_TR SP6134HCU-L |
High Voltage, 600kHz Synchronous PWM Step Down Controller
|
Exar Corporation
|
LT3800 |
High-Voltage Synchronous Current Mode Step-Down Controller
|
Linear Technology
|
MAX797HESET |
High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
|
MAXIM - Dallas Semiconductor
|
FAN5059MX |
High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
|
Fairchild Semiconductor
|