PART |
Description |
Maker |
LT1362 LT1361 |
50MHz, 800V/ms Op Amps From old datasheet system
|
Linear
|
LT1360 LT1360CN8 |
50MHz, 800V/us Op Amp OCTAL BUFFERS AND LINE DRIVERS 20-SOIC 0 to 70
|
Linear Technology Corporation
|
AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC A |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1的SRAM
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC Molex, Inc.
|
SPA11N80C3 SPP11N80C3 |
for lowest Conduction Losses & fastest SwitchingPlease note: Infineon has changed the CoolMOS 800V C2 marking to C3. 800V C2 ... Cool MOS⑩ Power Transistor
|
Infineon Technologies AG
|
SBB1089Z SBB1089ZPCK1 SBB1089ZSQ SBB1089ZSR |
50MHz to 850MHz CASCADABLE
|
RF Micro Devices
|
MP03530 |
SAW Filter 257.50MHz
|
Golledge Electronics Lt...
|
MP04943 |
SAW Filter 1832.50MHz
|
Golledge Electronics Lt...
|
SPP06N80C3 SPA06N80C3 |
for lowest Conduction Losses & fastest SwitchingPlease note: Infineon has changed the CoolMOS 800V C2 marking to C3. 800V C2 ... Cool MOS Power Transistor Cool MOS⑩ Power Transistor
|
INFINEON[Infineon Technologies AG]
|
2SC3457M 2SC3457L |
TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 3A I(C) | TO-220AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN Triple Diffused Planar Transistors 800V 3A
|
Sanyo Semiconductor
|
MGCR01 40 |
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS From old datasheet system
|
Zarlink
|