PART |
Description |
Maker |
74LV109 74LV109D 74LV109DB 74LV109N 74LV109PW 74LV |
Dual JK flip-flop with set and reset; positive-edge trigger LV/LV-A/LVX/H SERIES, DUAL POSITIVE EDGE TRIGGERED J-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AT29C512-9 AT29C512-90JU AT29C512-70TC AT29C512-15 |
High Speed CMOS Logic Dual Positive-Edge-Triggered D-Type Flip-Flops with Set and Reset 14-PDIP -55 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 90 ns, PQCC32 High Speed CMOS Logic Quad 2-Input Exclusive-NOR Gates 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PQCC32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PQCC32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 64K X 8 FLASH 5V PROM, 70 ns, PDIP32 High Speed CMOS Logic Dual Positive-Edge-Triggered D-Type Flip-Flops with Set and Reset 14-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-SOIC -55 to 125 512K (64K x 8) 5-volt Only Flash Memory 512K 64K x 8 5-volt Only CMOS Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
DM74ALS109A DM74ALS109AN DM74ALS109AM DM74ALS109AM |
From old datasheet system ALS SERIES, DUAL POSITIVE EDGE TRIGGERED J-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 ALS SERIES, DUAL POSITIVE EDGE TRIGGERED J-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP16 Dual J-K Positive-Edge-Triggered Flip-Flop with Preset and Clear(???杈圭?瑙????-K瑙?????甯??缃??娓??绔?伎
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
HD74HCT74A HD74HCT74AT HD74HCT74AFP |
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|TSSOP|14PIN|PLASTIC FLIP-FLOP|DUAL|D TYPE|HCT-CMOS|SOP|14PIN|PLASTIC
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
74ACT244SJX 74AC244 74AC244MTC 74AC244MTCX 74AC244 |
Octal Buffer/Line Driver with 3-STATE Outputs Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SO 0 to 70 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MC54F74J MC54F74 |
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP FAST SCHOTTKY TTL
|
Motorola, Inc
|
ACTS74HMSR-02 |
Dual D Type Flip Flop with Set and Reset, Advanced Logic, CMOS; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) ACT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC14
|
Intersil, Corp.
|
AAT3562IGY-320-T1 AAT3562IGY-420-T1 AAT3564IGY-420 |
Triple 3-input positive-AND gates 14-PDIP 0 to 70 CONNECTOR ACCESSORY Triple 3-input positive-AND gates 14-SOIC 0 to 70 Triple 3-input positive-NAND gates 14-SOIC 0 to 70 Triple 3-input positive-NAND gates 14-PDIP 0 to 70 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear and Preset 16-SOIC 0 to 70 Triple 3-input positive-NAND gates 14-SO 0 to 70 Triple 3-input positive-AND gates 14-SO 0 to 70 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP 0 to 70 Dual J-K Flip-Flops With Clear 14-SO 0 to 70 NanoPower Voltage Detector NanoPower电压检测器 Dual J-K Flip-Flops With Clear 14-SOIC 0 to 70 NanoPower电压检测器 Dual J-K Flip-Flops With Clear 14-PDIP 0 to 70 NanoPower电压检测器
|
Advanced Analogic Technologies, Inc.
|
SN74LS109A-D |
Dual JK Positive Edge-Triggered Flip-Flop
|
ON Semiconductor
|
IN74AC109 |
Dual J-K Positive-Edge-Triggered Flip-Flop
|
IK Semiconductor
|
KS74AHCT74 |
Dual D-Type Positive-Edge-Triggered Flip-Flops
|
Samsung Electronics
|